Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8475 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8475
Description  Precision, Selectable Gain, Fully Differential Funnel Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8475 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8475 Datasheet HTML 9Page - Analog Devices AD8475 Datasheet HTML 10Page - Analog Devices AD8475 Datasheet HTML 11Page - Analog Devices AD8475 Datasheet HTML 12Page - Analog Devices AD8475 Datasheet HTML 13Page - Analog Devices AD8475 Datasheet HTML 14Page - Analog Devices AD8475 Datasheet HTML 15Page - Analog Devices AD8475 Datasheet HTML 16Page - Analog Devices AD8475 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
AD8475
Rev. B | Page 13 of 24
50ns/DIV
Figure 35. VOCM Small Signal Step Response, VS = ±2.5 V
–20
–140
–120
–100
–80
–60
–40
0.1
1
10
FREQUENCY (MHz)
HD2, G = 0.4
HD3, G = 0.4
HD2, G = 0.8
HD3, G = 0.8
Figure 36. Harmonic Distortion vs. Frequency at Various Gains
–20
–140
–120
–100
–80
–60
–40
0.1
1
10
FREQUENCY (MHz)
HD2, RL = 1kΩ
HD3, RL = 1kΩ
HD2, RL = 200Ω
HD3, RL = 200Ω
VOUT = 2V p-p
Figure 37. Harmonic Distortion vs. Frequency at Various Loads
500ns/DIV
Figure 38. VOCM Large Signal Step Response
–20
–140
–120
–100
–80
–60
–40
0.1
1
10
FREQUENCY (MHz)
HD2, VS = +5V
HD3, VS = +5V
HD2, VS = ±5V
HD3, VS = ±5V
VOUT = 2V p-p
Figure 39. Harmonic Distortion vs. Frequency at Various Supplies
–20
–140
–120
–100
–80
–60
–40
0.1
1
10
FREQUENCY (MHz)
HD2, VOUT = 2V p-p
HD3, VOUT = 2V p-p
HD2, VOUT = 4V p-p
HD3, VOUT = 4V p-p
Figure 40. Harmonic Distortion vs. Frequency at Various VOUT,dm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com