Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8475 Datasheet(PDF) 21 Page - Analog Devices

Part # AD8475
Description  Precision, Selectable Gain, Fully Differential Funnel Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8475 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD8475 Datasheet HTML 16Page - Analog Devices AD8475 Datasheet HTML 17Page - Analog Devices AD8475 Datasheet HTML 18Page - Analog Devices AD8475 Datasheet HTML 19Page - Analog Devices AD8475 Datasheet HTML 20Page - Analog Devices AD8475 Datasheet HTML 21Page - Analog Devices AD8475 Datasheet HTML 22Page - Analog Devices AD8475 Datasheet HTML 23Page - Analog Devices AD8475 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
AD8475
Rev. B | Page 21 of 24
The differential RC network between the AD8475 output and the
ADC provides a single-pole filter that reduces undesirable
aliasing effects and high frequency noise. The common-mode
bandwidth of the filter is 29.5 MHz (20 Ω, 270 pF), and the
differential bandwidth is 3.1 MHz (40 Ω, 1.3 nF).
The VOCM input is bypassed for noise reduction, and set
externally with 1% resistors to maximize output dynamic
range on a single 5 V supply.
Figure 54. FFT Results of the AD8475 Driving the AD7982
AD7982
AD8475
20V
–10V
0V
+10V
+7V TO +18V
+0.5V
+2.5V
+4.5V
NC
NC
+IN 0.4x
–IN 0.4x
+IN 0.8x
–IN 0.8x
4V
+0.5V
2.5V
+4.5V
4V
–OUT
IN–
IN+
+OUT
VOCM
+VS
+5V
–VS
ADR435
20Ω
20Ω
270pF
270pF
1.3nF
VIO
CNV
GND
REF
VDD
SDO
SCK
SDI
+5V
+2.5V
+1.8V TO +5V
10kΩ
10kΩ
0.1µF
+5V
Figure 55. Attenuation and Level Shifting of Industrial Voltages to Drive Single-Supply Precision ADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com