Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7982 Datasheet(PDF) 14 Page - Analog Devices

Part # AD7982
Description  Precision, Selectable Gain, Fully Differential Funnel Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7982 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD7982 Datasheet HTML 10Page - Analog Devices AD7982 Datasheet HTML 11Page - Analog Devices AD7982 Datasheet HTML 12Page - Analog Devices AD7982 Datasheet HTML 13Page - Analog Devices AD7982 Datasheet HTML 14Page - Analog Devices AD7982 Datasheet HTML 15Page - Analog Devices AD7982 Datasheet HTML 16Page - Analog Devices AD7982 Datasheet HTML 17Page - Analog Devices AD7982 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
AD8475
Rev. B | Page 14 of 24
–20
–140
–120
–100
–80
–60
–40
09
8
7
6
5
4
3
2
1
VOUT (V p-p)
HD2, +5V SUPPLY
HD3, +5V SUPPLY
HD2, ±5V SUPPLY
HD3, ±5V SUPPLY
f = 100kHz
Figure 41. Harmonic Distortion vs. VOUT at Various Supplies
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
10
75
80
85
90
95
100
105
110
115
120
125
FREQUENCY (kHz)
Figure 42. 100 kHz Intermodulation Distortion
100
20
10
0
30
40
50
60
70
80
90
10k
100k
1k
100
10
1
FREQUENCY (Hz)
Figure 43. Voltage Noise Density vs. Frequency
–20
–140
–120
–100
–80
–60
–40
0.1
1
10
FREQUENCY (MHz)
RL = 1kΩ
RL = 200Ω
VOUT = 2V p-p
Figure 44. Spurious-Free Dynamic Range vs. Frequency at Various Loads
100
0.01
0.1
1
10
10k
100k
1M
10M
100M
FREQUENCY (Hz)
Figure 45. Output Impedance vs. Frequency
1s/DIV
Figure 46. 0.1 Hz to 10 Hz Voltage Noise



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com