Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7982 Datasheet(PDF) 24 Page - Analog Devices

Part # AD7982
Description  Precision, Selectable Gain, Fully Differential Funnel Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7982 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD7982 Datasheet HTML 16Page - Analog Devices AD7982 Datasheet HTML 17Page - Analog Devices AD7982 Datasheet HTML 18Page - Analog Devices AD7982 Datasheet HTML 19Page - Analog Devices AD7982 Datasheet HTML 20Page - Analog Devices AD7982 Datasheet HTML 21Page - Analog Devices AD7982 Datasheet HTML 22Page - Analog Devices AD7982 Datasheet HTML 23Page - Analog Devices AD7982 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
AD8475
Rev. B | Page 24 of 24
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
Branding
AD8475ACPZ-R7
−40°C to +85°C
16-Lead Lead Frame Chip Scale Package [LFCSP_WQ]
CP-16-27
Y3H
AD8475ACPZ-RL
−40°C to +85°C
16-Lead Lead Frame Chip Scale Package [LFCSP_WQ]
CP-16-27
Y3H
AD8475ACPZ-WP
−40°C to +85°C
16-Lead Lead Frame Chip Scale Package [LFCSP_WQ]
CP-16-27
Y3H
AD8475BRMZ
−40°C to +85°C
10-Lead Lead Frame Chip Scale Package [MSOP]
RM-10
Y41
AD8475BRMZ-R7
−40°C to +85°C
10-Lead Lead Frame Chip Scale Package [MSOP]
RM-10
Y41
AD8475BRMZ-RL
−40°C to +85°C
10-Lead Lead Frame Chip Scale Package [MSOP]
RM-10
Y41
AD8475ARMZ
−40°C to +85°C
10-Lead Lead Frame Chip Scale Package [MSOP]
RM-10
Y31
AD8475ARMZ-R7
−40°C to +85°C
10-Lead Lead Frame Chip Scale Package [MSOP]
RM-10
Y31
AD8475ARMZ-RL
−40°C to +85°C
10-Lead Lead Frame Chip Scale Package [MSOP]
RM-10
Y31
AD8475-EVALZ
Evaluation Board
1 Z = RoHS Compliant Part.
©2010–2011 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D09432-0-4/11(B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com