Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8603 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8603
Description  Precision Micropower, Low Noise CMOS, Rail-to-Rail Input/Output Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8603 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8603 Datasheet HTML 6Page - Analog Devices AD8603 Datasheet HTML 7Page - Analog Devices AD8603 Datasheet HTML 8Page - Analog Devices AD8603 Datasheet HTML 9Page - Analog Devices AD8603 Datasheet HTML 10Page - Analog Devices AD8603 Datasheet HTML 11Page - Analog Devices AD8603 Datasheet HTML 12Page - Analog Devices AD8603 Datasheet HTML 13Page - Analog Devices AD8603 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD8603/AD8607/AD8609
Rev. C | Page 10 of 16
LOAD CURRENT (mA)
0.001
0.01
0.1
10
100
0.01
0.1
1
10
1000
1
SINK
SOURCE
VS = 1.8V
TA = 25°C
Figure 30. Output Voltage to Supply Rail vs. Load Current
TEMPERATURE (°C)
–40
0
30
60
5
35
125
20
20
10
50
40
–25
70
80
90
100
–10
50
65
80
95
110
VOL @ 1mA LOAD
VDD – VOH @ 1mA LOAD
VS = 1.8V
Figure 31. Output Voltage Swing vs. Temperature
LOAD CAPACITANCE (pF)
10
0
10
20
60
100
1000
30
50
40
VS = 1.8V
TA = 25°C
AV = 1
OS–
OS+
Figure 32. Small Signal Overshoot vs. Load Capacitance
1k
10k
100k
1M
10M
VS = ±0.9V
RL = 100kΩ
CL = 20pF
Φ = 70°
FREQUENCY (Hz)
20
–80
–20
80
100
60
40
0
–40
–60
–100
45
–180
–45
180
225
135
90
0
–90
–135
–225
Figure 33. Open-Loop Gain and Phase vs. Frequency
100
1k
10k
100k
VS = 1.8V
60
–40
20
120
140
100
80
40
0
–20
–60
FREQUENCY (Hz)
Figure 34. CMRR vs. Frequency
0.01
0.1
1
100
10
FREQUENCY (kHz)
0
0.9
1.8
0.6
0.3
1.5
1.2
VS = 1.8V
VIN = 1.7V p-p
TA = 25°C
AV = 1
Figure 35. Closed-Loop Output Voltage Swing vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com