Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8603 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8603
Description  Precision Micropower, Low Noise CMOS, Rail-to-Rail Input/Output Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8603 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8603 Datasheet HTML 8Page - Analog Devices AD8603 Datasheet HTML 9Page - Analog Devices AD8603 Datasheet HTML 10Page - Analog Devices AD8603 Datasheet HTML 11Page - Analog Devices AD8603 Datasheet HTML 12Page - Analog Devices AD8603 Datasheet HTML 13Page - Analog Devices AD8603 Datasheet HTML 14Page - Analog Devices AD8603 Datasheet HTML 15Page - Analog Devices AD8603 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
AD8603/AD8607/AD8609
Rev. C | Page 12 of 16
APPLICATIONS
NO PHASE REVERSAL
The AD8603/AD8607/AD8609 do not exhibit phase inversion
even when the input voltage exceeds the maximum input
common-mode voltage. Phase reversal can cause permanent
damage to the amplifier, resulting in system lockups. The
AD8603/AD8607/AD8609 can handle voltages of up to 1 V
over the supply.
TIME (4µs/DIV)
VS = ±2.5V
VIN = 6V p-p
AV = 1
RL = 10kΩ
VIN
VOUT
Figure 41. No Phase Response
INPUT OVERVOLTAGE PROTECTION
If a voltage 1 V higher than the supplies is applied at either
input, the use of a limiting series resistor is recommended. If
both inputs are used, each one should be protected with a
series resistor.
To ensure good protection, the current should be limited to a
maximum of 5 mA. The value of the limiting resistor can be
determined from the following equation:
(VIN − VS)/(RS + 200 Ω) ≤ 5 mA
DRIVING CAPACITIVE LOADS
The AD8603/AD8607/AD8609 are capable of driving large
capacitive loads without oscillating. Figure 42 shows the output
of the AD8603/AD8607/AD8609 in response to a 100 mV input
signal, with a 2 nF capacitive load.
Although it is configured in positive unity gain (the worst case),
the AD8603 shows less than 20% overshoot. Simple additional
circuitry can eliminate ringing and overshoot.
One technique is the snubber network, which consists of a
series RC and a resistive load (see Figure 43). With the snubber
in place, the AD8603/AD8607/AD8609 are capable of driving
capacitive loads of 2 nF with no ringing and less than 3%
overshoot.
The use of the snubber circuit is usually recommended for unity
gain configurations. Higher gain configurations help improve
the stability of the circuit. Figure 44 shows the same output
response with the snubber in place.
VS = ±0.9V
VIN = 100mV
CL = 2nF
RL = 10kΩ
Figure 42. Output Response to a 2 nF Capacitive Load, Without Snubber
CS
47pF
VCC
VEE
RS
150Ω
200mV
CL
V+
V–
+
Figure 43. Snubber Network
VSY = ±0.9V
VIN = 100mV
CL = 2nF
RL = 10kΩ
RS = 150Ω
CS = 470pF
Figure 44. Output Response to a 2 nF Capacitive Load with Snubber
Optimum values for RS and CS are determined empirically;
Table 5 lists a few starting values.
Table 5. Optimum Values for the Snubber Network
CL (pF)
RS (Ω)
CS (pF)
100 to ~500
500
680
1500
100
330
1600 to ~2000
400
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com