Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8475BRMZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8475BRMZ-R7
Description  Precision, Selectable Gain, Fully Differential Funnel Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8475BRMZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8475BRMZ-R7 Datasheet HTML 8Page - Analog Devices AD8475BRMZ-R7 Datasheet HTML 9Page - Analog Devices AD8475BRMZ-R7 Datasheet HTML 10Page - Analog Devices AD8475BRMZ-R7 Datasheet HTML 11Page - Analog Devices AD8475BRMZ-R7 Datasheet HTML 12Page - Analog Devices AD8475BRMZ-R7 Datasheet HTML 13Page - Analog Devices AD8475BRMZ-R7 Datasheet HTML 14Page - Analog Devices AD8475BRMZ-R7 Datasheet HTML 15Page - Analog Devices AD8475BRMZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
AD8475
Rev. B | Page 12 of 24
10ns/DIV
VOUT = 100mV p-p
Figure 29. Small Signal Pulse Response, VS = ±2.5 V
10ns/DIV
CL = 0pF
CL = 5pF
CL = 10pF
Figure 30. Small Signal Step Response for Various Capacitive Loads,
VS = ±2.5 V
10ns/DIV
RL = 200Ω
RL = 1kΩ
RL = 10kΩ
Figure 31. Small Signal Step Response for Various Resistive Loads
20ns/DIV
VOUT = 2V p-p
Figure 32. Large Signal Pulse Response, VS = ±2.5 V
20ns/DIV
CL = 0pF
CL = 5pF
CL = 10pF
Figure 33. Large Signal Step Response for Various Capacitive Loads
20ns/DIV
RL = 200Ω
RL = 1kΩ
RL = 10kΩ
Figure 34. Large Signal Step Response for Various Resistive Loads



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com