Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8475BRMZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # AD8475BRMZ-R7
Description  Precision, Selectable Gain, Fully Differential Funnel Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8475BRMZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8475BRMZ-R7 Datasheet HTML 12Page - Analog Devices AD8475BRMZ-R7 Datasheet HTML 13Page - Analog Devices AD8475BRMZ-R7 Datasheet HTML 14Page - Analog Devices AD8475BRMZ-R7 Datasheet HTML 15Page - Analog Devices AD8475BRMZ-R7 Datasheet HTML 16Page - Analog Devices AD8475BRMZ-R7 Datasheet HTML 17Page - Analog Devices AD8475BRMZ-R7 Datasheet HTML 18Page - Analog Devices AD8475BRMZ-R7 Datasheet HTML 19Page - Analog Devices AD8475BRMZ-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
AD8475
Rev. B | Page 16 of 24
TERMINOLOGY
+IN
VOCM
–IN
+OUT
–OUT
VOUT, dm
RL, dm
AD8475
1kΩ
1.25kΩ
1.25kΩ
1kΩ
Figure 48. Signal and Circuit Definitions
Differential Voltage
Differential voltage refers to the difference between two
node voltages. For example, the output differential voltage (or
equivalently, output differential mode voltage) is defined as
VOUT, dm = (V+OUT − V−OUT)
where V+OUT and V−OUT refer to the voltages at the +OUT and
−OUT terminals with respect to a common ground reference.
Similarly, the differential input voltage is defined as
VIN, dm = (V+IN − (V−IN))
Common-Mode Voltage
Common-mode voltage refers to the average of two node voltages
with respect to the local ground reference. The output common-
mode voltage is defined as
VOUT, cm = (V+OUT + V−OUT)/2
Balance
Output balance is a measure of how close the output differential
signals are to being equal in amplitude and opposite in phase.
Output balance is most easily determined by placing a well-
matched resistor divider between the differential voltage nodes
and comparing the magnitude of the signal at the divider midpoint
with the magnitude of the differential signal. By this definition,
output balance is the magnitude of the output common-mode
voltage divided by the magnitude of the output differential
mode voltage.
dm
OUT
cm
OUT
V
V
Error
Balance
Output
,
,
Δ
Δ
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com