Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5324ARMZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD5324ARMZ
Description  2.5 V to 5.5 V, 500 關A, Quad Voltage Output 8-/10-/12-Bit DACs in 10-Lead Packages
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5324ARMZ Datasheet(HTML) 4 Page - Analog Devices

  AD5324ARMZ Datasheet HTML 1Page - Analog Devices AD5324ARMZ Datasheet HTML 2Page - Analog Devices AD5324ARMZ Datasheet HTML 3Page - Analog Devices AD5324ARMZ Datasheet HTML 4Page - Analog Devices AD5324ARMZ Datasheet HTML 5Page - Analog Devices AD5324ARMZ Datasheet HTML 6Page - Analog Devices AD5324ARMZ Datasheet HTML 7Page - Analog Devices AD5324ARMZ Datasheet HTML 8Page - Analog Devices AD5324ARMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
AD5304/AD5314/AD5324
Data Sheet
Rev. H | Page 4 of 24
Parameter1
A, W Version2
B Version2
Min
Typ
Max
Min
Typ
Max
Unit
Test Conditions/Comments
LOGIC INPUTS5
Input Current
±1
±1
μA
VIL, Input Low Voltage
0.8
0.8
V
VDD = 5 V ± 10%
0.6
0.6
V
VDD = 3 V ± 10%
0.5
0.5
V
VDD = 2.5 V
VIH, Input High Voltage
2.4
2.4
V
VDD = 5 V ± 10%
2.1
2.1
V
VDD = 3 V ± 10%
2.0
2.0
V
VDD = 2.5 V
Pin Capacitance
3
3
pF
POWER REQUIREMENTS
VDD
2.5
5.5
2.5
5.5
V
IDD (Normal Mode)7
VDD = 4.5 V to 5.5 V
600
900
600
900
μA
VIH = VDD and VIL = GND
VDD = 2.5 V to 3.6 V
500
700
500
700
μA
VIH = VDD and VIL = GND
IDD (Power-Down Mode)
VDD = 4.5 V to 5.5 V
0.2
1
0.2
1
μA
VIH = VDD and VIL = GND
VDD = 2.5 V to 3.6 V
0.08
1
0.08
1
μA
VIH = VDD and VIL = GND
1 See the Terminology section.
2 Temperature range (A, B, W Version): −40°C to +105°C; typical at +25°C.
3 DC specifications tested with the outputs unloaded.
4 Linearity is tested using a reduced code range: AD5304 (Code 8 to Code 248); AD5314 (Code 28 to Code 995); AD5324 (Code 115 to Code 3981).
5 Guaranteed by design and characterization, not production tested.
6 For the amplifier output to reach its minimum voltage, offset error must be negative. For the amplifier output to reach its maximum voltage, VREF = VDD and offset plus
gain error must be positive.
7 IDD specification is valid for all DAC codes; interface inactive; all DACs active; load currents excluded.
AC CHARACTERISTICS
VDD = 2.5 V to 5.5 V; RL = 2 kΩ to GND; CL = 200 pF to GND; all specifications TMIN to TMAX, unless otherwise noted.
Table 2.
Parameter1, 2
A, B, W Version3
Min
Typ
Max
Unit
Test Conditions/Comments
Output Voltage Settling Time
VREF = VDD = 5 V
AD5304
6
8
μ
s
¼ scale to ¾ scale change (0x40 to 0xC0)
AD5314
7
9
μ
s
¼ scale to ¾ scale change (0x100 to 0x300)
AD5324
8
10
μ
s
¼ scale to ¾ scale change (0x400 to 0xC00)
Slew Rate
0.7
V/μs
Major-Code Transition Glitch Energy
12
nV-sec
1 LSB change around major carry
Digital Feedthrough
1
nV-sec
Digital Crosstalk
1
nV-sec
DAC-to-DAC Crosstalk
3
nV-sec
Multiplying Bandwidth
200
kHz
VREF = 2 V ± 0.1 V p-p
Total Harmonic Distortion
–70
dB
VREF = 2.5 V ± 0.1 V p-p; frequency = 10 kHz
1 See the Terminology section.
2 Guaranteed by design and characterization, not production tested.
3 Temperature range (A, B, W Version): −40°C to +105°C; typical at +25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com