Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5324ARMZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD5324ARMZ
Description  2.5 V to 5.5 V, 500 關A, Quad Voltage Output 8-/10-/12-Bit DACs in 10-Lead Packages
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5324ARMZ Datasheet(HTML) 1 Page - Analog Devices

  AD5324ARMZ Datasheet HTML 1Page - Analog Devices AD5324ARMZ Datasheet HTML 2Page - Analog Devices AD5324ARMZ Datasheet HTML 3Page - Analog Devices AD5324ARMZ Datasheet HTML 4Page - Analog Devices AD5324ARMZ Datasheet HTML 5Page - Analog Devices AD5324ARMZ Datasheet HTML 6Page - Analog Devices AD5324ARMZ Datasheet HTML 7Page - Analog Devices AD5324ARMZ Datasheet HTML 8Page - Analog Devices AD5324ARMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
2.5 V to 5.5 V, 500 μA, Quad Voltage Output
8-/10-/12-Bit DACs in 10-Lead Packages
Data Sheet
AD5304/AD5314/AD5324
Rev. H
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2011 Analog Devices, Inc. All rights reserved.
FEATURES
AD5304: 4 buffered 8-Bit DACs in 10-lead MSOP and
10-lead LFCSP
A, W Version: ±1 LSB INL, B Version: ±0.625 LSB INL
AD5314: 4 buffered 10-Bit DACs in 10-lead MSOP and
10-lead LFCSP
A, W Version: ±4 LSB INL, B Version: ±2.5 LSB INL
AD5324: 4 buffered 12-Bit DACs in 10-lead MSOP and
10-lead LFCSP
A, W Version: ±16 LSB INL, B Version: ±10 LSB INL
Low power operation: 500 μA @ 3 V, 600 μA @ 5 V
2.5 V to 5.5 V power supply
Guaranteed monotonic by design over all codes
Power-down to 80 nA @ 3 V, 200 nA @ 5 V
Double-buffered input logic
Output range: 0 V to VREF
Power-on reset to 0 V
Simultaneous update of outputs (LDAC function)
Low power-, SPI®-, QSPI™-, MICROWIRE™-, and DSP-
compatible 3-wire serial interface
On-chip, rail-to-rail output buffer amplifiers
Temperature range −40°C to +105°C
Qualified for automotive applications
APPLICATIONS
Portable battery-powered instruments
Digital gain and offset adjustment
Programmable voltage and current sources
Programmable attenuators
Industrial process controls
GENERAL DESCRIPTION
The AD5304/AD5314/AD53241 are quad 8-, 10-, and 12-bit
buffered voltage output DACs in 10-lead MSOP and 10-lead
LFCSP packages that operate from a single 2.5 V to 5.5 V supply,
consuming 500 μA at 3 V. Their on-chip output amplifiers allow
rail-to-rail output swing to be achieved with a slew rate of 0.7 V/μs.
A 3-wire serial interface is used; it operates at clock rates up to
30 MHz and is compatible with standard SPI, QSPI, MICROWIRE,
and DSP interface standards.
The references for the four DACs are derived from one reference
pin. The outputs of all DACs can be updated simultaneously using
the software LDAC function. The parts incorporate a power-on
reset circuit, and ensure that the DAC outputs power up to 0 V
and remains there until a valid write takes place to the device.
The parts contain a power-down feature that reduces the current
consumption of the device to 200 nA @ 5 V (80 nA @ 3 V).
The low power consumption of these parts in normal operation
makes them ideally suited to portable battery-operated equipment.
The power consumption is 3 mW at 5 V, 1.5 mW at 3 V, reducing
to 1 μW in power-down mode.
1 Protected by U.S. Patent No. 5,969,657.
FUNCTIONAL BLOCK DIAGRAM
INPUT
REGISTER
DAC
REGISTER
STRING
DAC A
VOUTA
BUFFER
INPUT
REGISTER
DAC
REGISTER
STRING
DAC B
VOUTB
BUFFER
AD5304/AD5314/AD5324
INPUT
REGISTER
DAC
REGISTER
STRING
DAC C
VOUTC
BUFFER
INPUT
REGISTER
DAC
REGISTER
STRING
DAC D
VOUTD
BUFFER
REFIN
VDD
GND
POWER-DOWN LOGIC
POWER-ON RESET
LDAC
SCLK
SYNC
DIN
Figure 1.


Similar Part No. - AD5324ARMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5324ARMZ AD-AD5324ARMZ Datasheet
607Kb / 24P
Quad Voltage Output DACs
5/2017-Rev. H to Rev. I
AD5324ARMZ-REEL7 AD-AD5324ARMZ-REEL7 Datasheet
607Kb / 24P
Quad Voltage Output DACs
5/2017-Rev. H to Rev. I
More results

Similar Description - AD5324ARMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5304ARM AD-AD5304ARM Datasheet
357Kb / 24P
2.5 V to 5.5 V, 500 關A, Quad Voltage Output 8-/10-/12-Bit DACs in 10-Lead Packages
Rev. H
AD5324BRMZ AD-AD5324BRMZ Datasheet
357Kb / 24P
2.5 V to 5.5 V, 500 關A, Quad Voltage Output 8-/10-/12-Bit DACs in 10-Lead Packages
Rev. H
AD5336BRUZ AD-AD5336BRUZ Datasheet
384Kb / 20P
2.5 V to 5.5 V, 500 A, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5307BRU AD-AD5307BRU Datasheet
585Kb / 28P
2.5 V to 5.5 V, 400 關A, Quad Voltage Output, 8-/10-/12-Bit DACs in 16-Lead TSSOP
REV. C
AD5344BRUZ AD-AD5344BRUZ Datasheet
384Kb / 20P
2.5 V to 5.5 V, 500 A, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5304 AD-AD5304_15 Datasheet
357Kb / 24P
2.5 V to 5.5 V, 500 A, Quad Voltage Output 8-/10-/12-Bit DACs in 10-Lead Packages
Rev. H
AD5314 AD-AD5314_15 Datasheet
357Kb / 24P
2.5 V to 5.5 V, 500 A, Quad Voltage Output 8-/10-/12-Bit DACs in 10-Lead Packages
Rev. H
AD5324 AD-AD5324_15 Datasheet
357Kb / 24P
2.5 V to 5.5 V, 500 A, Quad Voltage Output 8-/10-/12-Bit DACs in 10-Lead Packages
Rev. H
AD5334 AD-AD5334_15 Datasheet
384Kb / 20P
2.5 V to 5.5 V, 500A, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5344 AD-AD5344_15 Datasheet
384Kb / 20P
2.5 V to 5.5 V, 500A, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com