Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33FJ64GP708 Datasheet(PDF) 47 Page - Microchip Technology

Part # 33FJ64GP708
Description  dsPIC DSC High-Performance 16-Bit Digital Signal Controllers
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

33FJ64GP708 Datasheet(HTML) 47 Page - Microchip Technology

Back Button 33FJ64GP708 Datasheet HTML 43Page - Microchip Technology 33FJ64GP708 Datasheet HTML 44Page - Microchip Technology 33FJ64GP708 Datasheet HTML 45Page - Microchip Technology 33FJ64GP708 Datasheet HTML 46Page - Microchip Technology 33FJ64GP708 Datasheet HTML 47Page - Microchip Technology 33FJ64GP708 Datasheet HTML 48Page - Microchip Technology 33FJ64GP708 Datasheet HTML 49Page - Microchip Technology 33FJ64GP708 Datasheet HTML 50Page - Microchip Technology 33FJ64GP708 Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 90 page
background image
© 2005 Microchip Technology Inc.
Preliminary
DS70155C-page 45
dsPIC33F
10.6
MPLAB ICD 2 In-Circuit Debugger
The MPLAB ICD 2 In-Circuit Debugger is a powerful,
low-cost, run-time development tool that uses in-circuit
debugging capability built into the dsPIC33F Flash
devices. This feature, along with Microchip’s In-Circuit
Serial Programming™ protocol, gives you cost-effective,
in-circuit debugging from the graphical user interface of
MPLAB IDE. It lets you develop and debug source code
by watching variables, single-stepping and setting
breakpoints, as well as running at full speed to test
hardware in real time.
The MPLAB ICD 2 has these features:
• Full-speed operation to the range of the device
• Serial or USB PC connector
• USB-powered from PC interface
• Low noise power (VPP and VDD) for use with
analog and other noise sensitive applications
• Operation down to 2.0V
• Can be used as debugger and inexpensive serial
programmer
• Some device resources required (80 bytes of
RAM and 2 pins)
FIGURE 10-4:
MPLAB® ICD 2 IN-CIRCUIT
DEBUGGER
10.7
MPLAB PM3 Universal Device
Programmer
The MPLAB PM3 Universal Device Programmer is easy
to use with a PC, or as a stand-alone unit, to program
Microchip’s entire line of PICmicro devices as well as the
latest dsPIC33F DSC devices. The MPLAB PM3
features a large and bright LCD unit (128 x 64 pixels) to
display easy menus, programming statistics and status
information.
The
MPLAB
PM3
programmer
has
exceptional
programming speed for high production throughput,
especially important for large memory devices. It also
includes a Secure Digital/Multimedia Card slot for easy
and secure data storage and transfer.
The MPLAB PM3 programmer is designed with
40 programmable socket pins and therefore, each
socket module can be configured to support many
different devices. As a result, fewer socket modules are
required to support the entire line of Microchip parts.
The socket modules use multi-pin connectors for high
reliability and quick interchange.
When connected to a PC host system, the MPLAB
PM3 programmer is seamlessly integrated with the
MPLAB Integrated Development Environment (IDE),
providing a user-friendly programming interface.
Key features of the MPLAB PM3 Programmer include:
• RS-232 or USB interface
• Integrated In-Circuit Serial Programming™
(ICSP™) interface
• Fast programming time
• Three operating modes:
- PC Host mode for full control
- Safe mode for secure data
- Stand-Alone mode for programming without
a PC
• Complete line of interchangeable socket modules
to support all Microchip devices and package
options (sold separately)
•SQTPSM serialization for programming unique
serial numbers while in PC Host mode.
• An alternate DOS command line interface for
batch control
• Large easy-to-read display
• Field upgradeable firmware allows quick new
device support
• Secure Digital (SD) and Multimedia Card (MMC)
external memory support
• Buzzer notification for noisy environments
FIGURE 10-5:
MPLAB® PM3 DEVICE
PROGRAMMER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com