Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33FJ64GP708 Datasheet(PDF) 53 Page - Microchip Technology

Part # 33FJ64GP708
Description  dsPIC DSC High-Performance 16-Bit Digital Signal Controllers
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

33FJ64GP708 Datasheet(HTML) 53 Page - Microchip Technology

Back Button 33FJ64GP708 Datasheet HTML 49Page - Microchip Technology 33FJ64GP708 Datasheet HTML 50Page - Microchip Technology 33FJ64GP708 Datasheet HTML 51Page - Microchip Technology 33FJ64GP708 Datasheet HTML 52Page - Microchip Technology 33FJ64GP708 Datasheet HTML 53Page - Microchip Technology 33FJ64GP708 Datasheet HTML 54Page - Microchip Technology 33FJ64GP708 Datasheet HTML 55Page - Microchip Technology 33FJ64GP708 Datasheet HTML 56Page - Microchip Technology 33FJ64GP708 Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 90 page
background image
© 2005 Microchip Technology Inc.
Preliminary
DS70155C-page 51
dsPIC33F
Key features of the Digital Filter Design tool include:
Finite Impulse Response Filter Design
• Design Method Selection
- FIR Windows Design
- FIR Equiripple Design (Parks-McClellan)
• Low-Pass, High-Pass, Band-Pass and Band-Stop
Filters
• FIR Filters can have up to 513 taps
• The following window functions are supported:
- Rectangular
- Hanning (Hann)
- Hamming
- Triangular
-Blackman
- Exact Blackman
-3 Term Cosine
- 3 Term Cosine with Continuous 3rd Derivative
- Minimum 3 Term Cosine
-4 Term Cosine
- 4 Term Cosine with continuous 5th Derivative
- Minimum 4 Term Cosine
- Good 4 Term Blackman Harris
-Harris Flat Top
-Kaiser
- Dolph-Tschebyscheff
-Taylor
-Gaussian
• Reports show design details, such as window
coefficients and impulse response prior to
multiplying by the window function
Infinite Impulse Response Filter Design
• Low-Pass, High-Pass, Band-Pass and Band-Stop
Filters
• Filter Orders up to 10 for Low-Pass and
High-Pass Filters
• Filter Orders up to 20 for Band-Pass and
Band-Stop Filters
• Five Analog Prototype Filters are available:
- Butterworth
- Tschebyscheff
- Inverse Tschebyscheff
- Elliptic
-Bessel
• Digital Transformations are performed by Bilinear
Transformation Method
• Reports show design details, such as all
transformations from normalized low-pass filter to
desired filter
Code Generation Features
• Generated files are compliant with the Microchip
dsPIC33F C30 C Compiler, Assembler and Linker
• Choice of placement of coefficients in Program
Space or Data Space
• ‘C’ Wrapper/Header Code Generation
Graphs
• Magnitude Response vs. Frequency
• Log Magnitude vs. Frequency
• Phase Response vs. Frequency
• Group Delay vs. Frequency
• Impulse Response vs. Time (per sample)
• Step Response vs. Time (per sample)
• Pole and Zero Locations (IIR only)
11.6
Microchip TCP/IP Stack
The free Microchip TCP/IP Stack is a suite of programs
that can provide services to standard (HTTP Server,
Mail Client, etc.) or custom TCP/IP-based applications.
Users do not need to be an expert in TCP/IP
specifications to use it and only need specific
knowledge of TCP/IP in the accompanying HTTP
Server application.
This stack is implemented in a modular fashion, with all
of its services creating highly abstracted layers, each
layer accessing services from one or more layers
directly below it. The stack is optimized for size and is
designed
to
run
on
the
dsPIC33F
using
the
dsPICDEM.net™ Development Board; however, it can
be easily retargeted to any hardware equipped with a
dsPIC33F. HTML web pages generated by the
dsPIC33F can be viewed with a standard web browser
such as Microsoft Internet Explorer.
Key features of the Microchip TCP/IP Stack include:
• Out-of-box support for Microchip C30 C Compiler
• Implements complete TCP state machine
• Multiple TCP and UDP sockets with simultaneous
connection/management
• Includes modules supporting various standard
protocols: MAC, SLIP, ARP, IP, ICMP, TCP,
SNMP, UDP, DHCP, FTP, IP Gleaning, HTTP,
MPFS (Microchip File System)
• Can be used as a part of the HTTP Server
(included) or any custom TCP/IP-based
application
• RTOS independent



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com