Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP7940N Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP7940N
Description  Low-Cost I2C Real-Time Clock/Calendar with SRAM and Battery Switchover
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP7940N Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP7940N Datasheet HTML 17Page - Microchip Technology MCP7940N Datasheet HTML 18Page - Microchip Technology MCP7940N Datasheet HTML 19Page - Microchip Technology MCP7940N Datasheet HTML 20Page - Microchip Technology MCP7940N Datasheet HTML 21Page - Microchip Technology MCP7940N Datasheet HTML 22Page - Microchip Technology MCP7940N Datasheet HTML 23Page - Microchip Technology MCP7940N Datasheet HTML 24Page - Microchip Technology MCP7940N Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
 2011-2013 Microchip Technology Inc.
DS25010E-page 21
MCP7940N
7.0
PACKAGING INFORMATION
7.1
Package Marking Information
8-Lead SOIC (3.90 mm)
Example:
XXXXXT
XXYYWW
NNN
8-Lead TSSOP
Example:
7940NI
SN
1133
13F
8-Lead MSOP
Example:
XXXX
TYWW
NNN
XXXXX
YWWNNN
940N
I133
13F
7940NI
13313F
3
e
8-Lead 2x3 TDFN
XXX
YWW
NN
AAV
133
13
Example:
Part Number
1st Line Marking Codes
TSSOP
MSOP
TDFN
MCP7940N
940N
7940NT
AAV
Note:
T = Temperature grade
NN = Alphanumeric traceability code
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com