Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP7940N Datasheet(PDF) 39 Page - Microchip Technology

Part # MCP7940N
Description  Low-Cost I2C Real-Time Clock/Calendar with SRAM and Battery Switchover
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP7940N Datasheet(HTML) 39 Page - Microchip Technology

Back Button MCP7940N Datasheet HTML 34Page - Microchip Technology MCP7940N Datasheet HTML 35Page - Microchip Technology MCP7940N Datasheet HTML 36Page - Microchip Technology MCP7940N Datasheet HTML 37Page - Microchip Technology MCP7940N Datasheet HTML 38Page - Microchip Technology MCP7940N Datasheet HTML 39Page - Microchip Technology MCP7940N Datasheet HTML 40Page - Microchip Technology MCP7940N Datasheet HTML 41Page - Microchip Technology MCP7940N Datasheet HTML 42Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
 2011-2013 Microchip Technology Inc.
DS25010E-page 39
MCP7940N
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office. Not every possible ordering
combination is listed below.
PART NO.
X
/XX
Package
Temperature
Range
Device
Device:
MCP7940N =
1.8V - 5.5V I2C™ Serial RTCC
MCP7940NT=
1.8V - 5.5V I2C™ Serial RTCC
(Tape and Reel)
Temperature
Range:
I
= -40°C to +85°C
E
= -40°C to +125°C (SN, MS package only)
Package:
SN
= 8-Lead Plastic Small Outline (3.90 mm body)
ST
= 8-Lead Plastic Thin Shrink Small Outline
(4.4 mm)
MS
= 8-Lead Plastic Micro Small Outline
MNY(1) = 8-Lead Plastic Dual Flat, No Lead
Examples:
a)
MCP7940N-I/SN: Industrial Tempera-
ture, SOIC package.
b)
MCP7940NT-I/SN: Industrial Tempera-
ture, SOIC package, Tape and Reel.
c)
MCP7940NT-I/MNY: Industrial Tempera-
ture, TDFN package.
d)
MCP7940N-I/MS: Industrial Temperature
MSOP package.
e)
MCP7940N-I/ST: Industrial Temperature,
TSSOP package.
f)
MCP7940NT-I/ST: Industrial Temperature,
TSSOP package, Tape and Reel.
g)
MCP7940N-E/SN: Extended Temperature,
SOIC package.
Note 1: ’Y’ indicates a Nickel Palladium Gold (NiPdAu) finish.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com