Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP7940N-E/ST Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP7940N-E/ST
Description  Low-Cost I2C Real-Time Clock/Calendar with SRAM and Battery Switchover
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP7940N-E/ST Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP7940N-E/ST Datasheet HTML 7Page - Microchip Technology MCP7940N-E/ST Datasheet HTML 8Page - Microchip Technology MCP7940N-E/ST Datasheet HTML 9Page - Microchip Technology MCP7940N-E/ST Datasheet HTML 10Page - Microchip Technology MCP7940N-E/ST Datasheet HTML 11Page - Microchip Technology MCP7940N-E/ST Datasheet HTML 12Page - Microchip Technology MCP7940N-E/ST Datasheet HTML 13Page - Microchip Technology MCP7940N-E/ST Datasheet HTML 14Page - Microchip Technology MCP7940N-E/ST Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
 2011-2013 Microchip Technology Inc.
DS25010E-page 11
MCP7940N
TABLE 5-1:
RTCC MEMORY MAP
Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Function
Range
Reset
State
00h
ST
10 Seconds
Seconds
Seconds
00-59
00h
01h
10 Minutes
Minutes
Minutes
00-59
00h
02h
12/24
10 Hour
AM/PM
10 Hour
Hour
Hours
1-12 + AM/PM
00 - 23
00h
03h
OSCON
VBAT
VBATEN
Day
Day
1-7
01h
04h
10 Date
Date
Date
01-31
01h
05h
LP
10 Month
Month
Month
01-12
01h
06h
10 Year
Year
Year
00-99
01h
07h
OUT
SQWE
ALM1
ALM0
EXTOSC RS2
RS1
RS0
Control Reg.
80h
08h
CALIBRATION
Calibration
00h
09h
RESERVED – DO NOT USE
00h
0Ah
10 Seconds
Seconds
Seconds
00-59
00h
0Bh
10 Minutes
Minutes
Minutes
00 - 59
00h
0Ch
12/24
10 Hour
AM/PM
10 Hours
Hour
Hours
1-12 + AM/PM
00-23
00h
0Dh
ALM0POL
ALM0C2
ALM0C1
ALM0C0
ALM0IF
Day
Day
1-7
01h
0Eh
10 Date
Date
Date
01-31
01h
0Fh
10 Month
Month
Month
01-12
01h
10h
Reserved – Do not use
Reserved
01h
11h
10 Seconds
Seconds
Seconds
00-59
00h
12h
10 Minutes
Minutes
Minutes
00-59
00h
13h
12/24
10 Hour
AM/PM
10 Hours
Hour
Hours
1-12 + AM/PM
00-23
00h
14h
ALM1POL
ALM1C2
ALM1C1
ALM1C0
ALM1IF
Day
Day
1-7
01h
15h
10 Date
Date
Date
01-31
01h
16h
10 Month
Month
Month
01-12
01h
17h
Reserved – Do not use
Reserved
01h
18h
10 Minutes
Minutes
00h
19h
12/24
10 Hour
AM/PM
10 Hours
Hour
00h
1Ah
10 Date
Date
00h
1Bh
Day
10 Month
Month
00h
1Ch
10 Minutes
Minutes
00h
1Dh
12/24
10 Hour
AM/PM
10 Hours
Hour
00h
1Eh
10 Date
Date
00h
1Fh
Day
10 Month
Month
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com