Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP7940N-E/ST Datasheet(PDF) 12 Page - Microchip Technology

Part # MCP7940N-E/ST
Description  Low-Cost I2C Real-Time Clock/Calendar with SRAM and Battery Switchover
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP7940N-E/ST Datasheet(HTML) 12 Page - Microchip Technology

Back Button MCP7940N-E/ST Datasheet HTML 8Page - Microchip Technology MCP7940N-E/ST Datasheet HTML 9Page - Microchip Technology MCP7940N-E/ST Datasheet HTML 10Page - Microchip Technology MCP7940N-E/ST Datasheet HTML 11Page - Microchip Technology MCP7940N-E/ST Datasheet HTML 12Page - Microchip Technology MCP7940N-E/ST Datasheet HTML 13Page - Microchip Technology MCP7940N-E/ST Datasheet HTML 14Page - Microchip Technology MCP7940N-E/ST Datasheet HTML 15Page - Microchip Technology MCP7940N-E/ST Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
MCP7940N
DS25010E-page 12
 2011-2013 Microchip Technology Inc.
5.1.1
RTCC REGISTER ADDRESSES
0x00h – Contains the BCD seconds and 10 seconds.
The range is 00 to 59. Bit 7 in this register is used to
start or stop the on-board crystal oscillator. Setting this
bit to a ‘1’ starts the oscillator and clearing this bit to a
‘0’ stops the on-board oscillator.
0x01h – Contains the BCD minutes and 10 minutes.
The range is 00 to 59.
0x02h – Contains the BCD hour in bits 3:0. Bits 5:4
contain either the 10 hour in BCD for 24-hour format or
the AM/PM indicator and the 10-hour bit for 12-hour
format. Bit 5 determines the hour format. Setting this
bit to ‘0’ enables 24-hour format, setting this bit to ‘1’
enables 12-hour format.
0x03h – Contains the BCD day. The range is 1-7.
Additional bits are also used for configuration and
status.
• Bit 3 is the VBATEN bit. If this bit is set, the
internal circuitry is connected to the VBAT pin
when VCC fails. If this bit is ‘0’ then the VBAT pin is
disconnected and the only current drain on the
external battery is the VBAT pin leakage.
• Bit 4 is the VBAT bit. This bit is set by hardware
when the VCC fails and the VBAT is used to power
the Oscillator and the RTCC registers. This bit is
cleared by software. Clearing this bit will also
clear all the time-stamp registers.
• Bit 5 is the OSCON bit. This is set and cleared by
hardware. If this bit is set, the oscillator is running,
if cleared, the oscillator is not running. This bit
does not indicate that the oscillator is running at
the correct frequency. The RTCC will wait 32
oscillator cycles before the bit is set. The RTCC
will wait roughly 32 clock cycles to clear this bit.
0x04h – Contains the BCD date and 10 date. The
range is 01-31. Bits 5:4 contain the 10’s date and bits
4:0 contain the date.
0x05h – Contains the BCD month. Bit 4 contains the
10 month. Bit 5 is the Leap Year bit, which is set during
a leap year and is read-only.
0x06h – Contains the BCD year and 10 year. The
Range is 00-99.
0x07h – Is the Control register.
• Bit 7 is the OUT bit. This sets the logic level on the
MFP when not using this as a square wave output.
• Bit 6 is the SQWE bit. Setting this bit enables the
divided output from the crystal oscillator.
• Bits 5:4 determine which alarms are active.
- 00 – No Alarms are active
- 01 – Alarm 0 is active
- 10 – Alarm 1 is active
- 11 – Both Alarms are active
• Bit 3 is the EXTOSC enable bit. Setting this bit will
allow an external 32.768 kHz signal to drive the
RTCC registers eliminating the need for an
external crystal.
• Bit 2:0 sets the internal divider for the 32.768 kHz
oscillator to be driven to the MFP. The duty cycle is
50%. The output is responsive to the Calibration
register. The following frequencies are available:
- 000 – 1 Hz
- 001 – 4.096 kHz
- 010 – 8.192 kHz
- 011 – 32.768 kHz
- 1xx enables the Cal output function. Cal
output appears on MFP if SQWE is set (64 Hz
Nominal). See Section 5.2.1 “Calibration”
for more details.
0x08h is the Calibration register. This is an 8-bit
register that is used to add or subtract clocks from the
RTCC counter every minute. The MSB is the sign bit
and indicates if the count should be added or
subtracted. The remaining 7 bits, with each bit adding
or subtracting 2 clocks, give the user the ability to add
or subtract up to 254 clocks per minute.
0x0Ah-0x0fh and 0x11-0x16h are the Alarm 0 and
Alarm 1 registers. The bits are the same as the RTCC
bits with the following differences:
Locations 0x10h and 0x17h are reserved and should
not be used to allow for future device compatibility.
0x0Dh/0x14h has additional bits for alarm configu-
ration.
• ALMxPOL: This bit specifies the level that the
MFP will drive when the alarm is triggered.
ALM2POL is a copy of ALM1POL. The default
state of the MFP when used for alarms is the
inverse of ALM1POL.
• ALMxIF: This is the Alarm Interrupt Fag. This bit is
set in hardware if the alarm was triggered. The bit
is cleared in software.
• ALMxC2:0: These Configuration bits determine
the alarm match. The logic will trigger the alarm
based on one of the following match conditions:
Note:
The RTCC counters will continue to
increment during the calibration.
000 – Seconds match



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com