Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJMC302EMM Datasheet(PDF) 69 Page - Microchip Technology

Part # DSPIC33FJMC302EMM
Description  16-bit Digital Signal Controllers (up to 32 KB Flash and 2 KB SRAM) with Motor Control and Advanced Analog
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJMC302EMM Datasheet(HTML) 69 Page - Microchip Technology

Back Button DSPIC33FJMC302EMM Datasheet HTML 65Page - Microchip Technology DSPIC33FJMC302EMM Datasheet HTML 66Page - Microchip Technology DSPIC33FJMC302EMM Datasheet HTML 67Page - Microchip Technology DSPIC33FJMC302EMM Datasheet HTML 68Page - Microchip Technology DSPIC33FJMC302EMM Datasheet HTML 69Page - Microchip Technology DSPIC33FJMC302EMM Datasheet HTML 70Page - Microchip Technology DSPIC33FJMC302EMM Datasheet HTML 71Page - Microchip Technology DSPIC33FJMC302EMM Datasheet HTML 72Page - Microchip Technology DSPIC33FJMC302EMM Datasheet HTML 73Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 330 page
background image
© 2007-2012 Microchip Technology Inc.
DS70283K-page 69
dsPIC33FJ32MC202/204 and dsPIC33FJ16MC304
6.9
Configuration Mismatch Reset
To maintain the integrity of the peripheral pin select
control registers, they are constantly monitored with
shadow registers in hardware. If an unexpected
change in any of the registers occur (such as cell
disturbances caused by ESD or other external events),
a configuration mismatch Reset occurs.
The Configuration Mismatch Flag bit (CM) in the
Reset Control register (RCON<9>) is set to indicate
the
configuration
mismatch
Reset.
Refer
to
Section 10.0 “I/O Ports” for more information on the
configuration mismatch Reset.
6.10
Illegal Condition Device Reset
An illegal condition device Reset occurs due to the
following sources:
• Illegal Opcode Reset
• Uninitialized W Register Reset
• Security Reset
The Illegal Opcode or Uninitialized W Access Reset
Flag bit (IOPUWR) in the Reset Control register
(RCON<14>) is set to indicate the illegal condition
device Reset.
6.10.1
ILLEGAL OPCODE RESET
A device Reset is generated if the device attempts to
execute an illegal opcode value that is fetched from
program memory.
The illegal opcode Reset function can prevent the
device from executing program memory sections that
are used to store constant data. To take advantage of
the illegal opcode Reset, use only the lower 16 bits of
each program memory section to store the data values.
The upper 8 bits should be programmed with 3Fh,
which is an illegal opcode value.
6.10.2
UNINITIALIZED W REGISTER
RESET
Any attempts to use the uninitialized W register as an
address pointer will Reset the device. The W register
array (with the exception of W15) is cleared during all
resets and is considered uninitialized until written to.
6.10.3
SECURITY RESET
If a Program Flow Change (PFC) or Vector Flow
Change (VFC) targets a restricted location in a
protected segment (Boot and Secure Segment), that
operation will cause a security Reset.
The PFC occurs when the Program Counter is
reloaded as a result of a Call, Jump, Computed Jump,
Return, Return from Subroutine, or other form of
branch instruction.
The VFC occurs when the Program Counter is
reloaded with an Interrupt or Trap vector.
Refer to Section 21.8 “Code Protection and
CodeGuard™ Security” for more information on
Security Reset.
6.11
Using the RCON Status Bits
The user application can read the Reset Control regis-
ter (RCON) after any device Reset to determine the
cause of the reset.
Table 6-3 provides a summary of the reset flag bit
operation.
TABLE 6-3:
RESET FLAG BIT OPERATION
Note:
The configuration mismatch feature and
associated reset flag is not available on all
devices.
Note:
The status bits in the RCON register
should be cleared after they are read so
that the next RCON register value after a
device Reset will be meaningful.
Flag Bit
Set by:
Cleared by:
TRAPR (RCON<15>)
Trap conflict event
POR,BOR
IOPWR (RCON<14>)
Illegal opcode or uninitialized
W register access or Security Reset
POR,BOR
CM (RCON<9>)
Configuration Mismatch
POR,BOR
EXTR (RCON<7>)
MCLR Reset
POR
SWR (RCON<6>)
RESET instruction
POR,BOR
WDTO (RCON<4>)
WDT time-out
PWRSAV instruction,
CLRWDT instruction, POR,BOR
SLEEP (RCON<3>)
PWRSAV #SLEEP instruction
POR,BOR
IDLE (RCON<2>)
PWRSAV #IDLE instruction
POR,BOR
BOR (RCON<1>)
POR, BOR
—
POR (RCON<0>)
POR
—
Note: All Reset flag bits can be set or cleared by user software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com