Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJMC302EMM Datasheet(PDF) 73 Page - Microchip Technology

Part # DSPIC33FJMC302EMM
Description  16-bit Digital Signal Controllers (up to 32 KB Flash and 2 KB SRAM) with Motor Control and Advanced Analog
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJMC302EMM Datasheet(HTML) 73 Page - Microchip Technology

Back Button DSPIC33FJMC302EMM Datasheet HTML 69Page - Microchip Technology DSPIC33FJMC302EMM Datasheet HTML 70Page - Microchip Technology DSPIC33FJMC302EMM Datasheet HTML 71Page - Microchip Technology DSPIC33FJMC302EMM Datasheet HTML 72Page - Microchip Technology DSPIC33FJMC302EMM Datasheet HTML 73Page - Microchip Technology DSPIC33FJMC302EMM Datasheet HTML 74Page - Microchip Technology DSPIC33FJMC302EMM Datasheet HTML 75Page - Microchip Technology DSPIC33FJMC302EMM Datasheet HTML 76Page - Microchip Technology DSPIC33FJMC302EMM Datasheet HTML 77Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 330 page
background image
© 2007-2012 Microchip Technology Inc.
DS70283K-page 73
dsPIC33FJ32MC202/204 and dsPIC33FJ16MC304
TABLE 7-2:
TRAP VECTORS
TABLE 7-1:
INTERRUPT VECTORS
Vector
Number
Interrupt
Request (IRQ)
Number
IVT Address
AIVT Address
Interrupt Source
8
0
0x000014
0x000114
INT0 – External Interrupt 0
9
1
0x000016
0x000116
IC1 – Input Capture 1
10
2
0x000018
0x000118
OC1 – Output Compare 1
11
3
0x00001A
0x00011A
T1 – Timer1
12
4
0x00001C
0x00011C
Reserved
13
5
0x00001E
0x00011E
IC2 – Input Capture 2
14
6
0x000020
0x000120
OC2 – Output Compare 2
15
7
0x000022
0x000122
T2 – Timer2
16
8
0x000024
0x000124
T3 – Timer3
17
9
0x000026
0x000126
SPI1E – SPI1 Error
18
10
0x000028
0x000128
SPI1 – SPI1 Transfer Done
19
11
0x00002A
0x00012A
U1RX – UART1 Receiver
20
12
0x00002C
0x00012C
U1TX – UART1 Transmitter
21
13
0x00002E
0x00012E
ADC1 – ADC1
22-23
14-15
0x000030-0x000032
0x000130-0x000132 Reserved
24
16
0x000034
0x000134
SI2C1 – I2C1 Slave Events
25
17
0x000036
0x000136
MI2C1 – I2C1 Master Events
26
18
0x000038
0x000138
Reserved
27
19
0x00003A
0x00013A
Change Notification Interrupt
28
20
0x00003C
0x00013C
INT1 – External Interrupt 1
29
21
0x00003E
0x00013E
Reserved
30
22
0x000040
0x000140
IC7 – Input Capture 7
31
23
0x000042
0x000142
IC8 – Input Capture 8
32-36
24-28
0x000044-0x00004C 0x000144-0x00014C Reserved
37
29
0x00004E
0x00014E
INT2 – External Interrupt 2
38-64
30-56
0x000050-0x000084
0x000150-0x000184 Reserved
65
57
0x000086
0x000186
PWM1 – PWM1 Period Match
66
58
0x000088
0x000188
QEI – Position Counter Compare
67-70
59-62
0x00008A-0x000090 0x00018A-0x000190 Reserved
71
63
0x000092
0x000192
FLTA1 – PWM1 Fault A
72
64
0x000094
0x000194
Reserved
73
65
0x000096
0x000196
U1E – UART1 Error
74-80
66-72
0x000098-0x0000A4 0x000198-0x0001A4 Reserved
81
73
0x0000A6
0x0001A6
PWM2 – PWM2 Period Match
82
74
0x0000A8
0x0001A8
FLTA2 – PWM2 Fault A
83-125
75-117
0x0000AA-0x0000FE 0x0001AA-0x0001FE Reserved
Vector Number
IVT Address
AIVT Address
Trap Source
0
0x000004
0x000104
Reserved
1
0x000006
0x000106
Oscillator Failure
2
0x000008
0x000108
Address Error
3
0x00000A
0x00010A
Stack Error
4
0x00000C
0x00010C
Math Error
5
0x00000E
0x00010E
Reserved
6
0x000010
0x000110
Reserved
7
0x000012
0x000112
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com