Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJMC204HMM Datasheet(PDF) 56 Page - Microchip Technology

Part # DSPIC33FJMC204HMM
Description  16-bit Digital Signal Controllers (up to 32 KB Flash and 2 KB SRAM) with Motor Control and Advanced Analog
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJMC204HMM Datasheet(HTML) 56 Page - Microchip Technology

Back Button DSPIC33FJMC204HMM Datasheet HTML 52Page - Microchip Technology DSPIC33FJMC204HMM Datasheet HTML 53Page - Microchip Technology DSPIC33FJMC204HMM Datasheet HTML 54Page - Microchip Technology DSPIC33FJMC204HMM Datasheet HTML 55Page - Microchip Technology DSPIC33FJMC204HMM Datasheet HTML 56Page - Microchip Technology DSPIC33FJMC204HMM Datasheet HTML 57Page - Microchip Technology DSPIC33FJMC204HMM Datasheet HTML 58Page - Microchip Technology DSPIC33FJMC204HMM Datasheet HTML 59Page - Microchip Technology DSPIC33FJMC204HMM Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 330 page
background image
dsPIC33FJ32MC202/204 and dsPIC33FJ16MC304
DS70283K-page 56
© 2007-2012 Microchip Technology Inc.
5.2
RTSP Operation
The dsPIC33FJ32MC202/204 and dsPIC33FJ16MC304
Flash program memory array is organized into rows of 64
instructions or 192 bytes. RTSP allows the user
application to erase a page of memory, which consists of
eight rows (512 instructions) at a time, and to program
one row or one word at a time. Table 24-12 shows typical
erase and programming times. The 8-row erase pages
and single row write rows are edge-aligned from the
beginning of program memory, on boundaries of 1536
bytes and 192 bytes, respectively.
The program memory implements holding buffers that
can contain 64 instructions of programming data. Prior
to the actual programming operation, the write data
must be loaded into the buffers sequentially. The
instruction words loaded must always be from a group
of 64 boundary.
The basic sequence for RTSP programming is to set up
a Table Pointer, then do a series of TBLWT instructions
to load the buffers. Programming is performed by
setting the control bits in the NVMCON register. A total
of 64 TBLWTL and TBLWTH instructions are required
to load the instructions.
All of the table write operations are single-word writes
(two instruction cycles) because only the buffers are
written. A programming cycle is required for
programming each row.
5.3
Programming Operations
A complete programming sequence is necessary for
programming or erasing the internal Flash in RTSP
mode.
The
processor stalls (waits)
until
the
programming operation is finished.
The programming time depends on the FRC accuracy
(see Table 24-18, “AC Characteristics: Internal RC
Accuracy”) and the value of the FRC Oscillator Tuning
register (see Register 8-4). Use the following formula to
calculate the minimum and maximum values for the
Row Write Time, Page Erase Time, and Word Write
Cycle Time parameters (see Table 24-12, “DC
Characteristics: Program Memory”).
EQUATION 5-1:
PROGRAMMING TIME
For example, if the device is operating at +125
° C, the
FRC accuracy will be ±5%. If the TUN<5:0> bits (see
Register 8-4) are set to ‘b111111,the minimum row
write time is equal to Equation 5-2.
EQUATION 5-2:
MINIMUM ROW WRITE
TIME
The maximum row write time is equal to Equation 5-3.
EQUATION 5-3:
MAXIMUM ROW WRITE
TIME
Setting the WR bit (NVMCON<15>) starts the opera-
tion, and the WR bit is automatically cleared when the
operation is finished.
5.4
Flash Memory Resources
Many useful resources are provided on the main prod-
uct page of the Microchip web site for the devices listed
in this data sheet. This product page, which can be
accessed using this link, contains the latest updates
and additional information.
5.4.1
KEY RESOURCES
• Section 5. “Flash Programming” (DS70191)
• Code Samples
• Application Notes
• Software Libraries
• Webinars
• All related dsPIC33F/PIC24H Family Reference
Manuals Sections
• Development Tools
5.5
Control Registers
Two SFRs are used to read and write the program
Flash memory: NVMCON and NVMKEY.
The NVMCON register (Register 5-1) controls which
blocks are to be erased, which memory type is to be
programmed and the start of the programming cycle.
NVMKEY is a write-only register that is used for write
protection. To start a programming or erase sequence,
the user application must consecutively write 0x55 and
0xAA to the NVMKEY register. Refer to Section 5.3
“Programming Operations” for further details.
T
7.37 MHz
FRC Accuracy
()%
FRC Tuning
()%
×
×
----------------------------------------------------------------------------------------------------------------------------
Note:
In the event you are not able to access
the product page using the link above,
enter
this
URL
in
your
browser:
http://www.microchip.com/wwwproducts/
Devices.aspx?dDocName=en530334
TRW
11064 Cycles
7.37 MHz
10.05
+
()
1 0.00375
–
()
×
×
------------------------------------------------------------------------------------------------ 1.435ms
=
=
TRW
11064 Cycles
7.37 MHz
10.05
–
()
1 0.00375
–
()
×
×
------------------------------------------------------------------------------------------------ 1.586ms
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com