Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJMC204HMM Datasheet(PDF) 16 Page - Microchip Technology

Part # DSPIC33FJMC204HMM
Description  16-bit Digital Signal Controllers (up to 32 KB Flash and 2 KB SRAM) with Motor Control and Advanced Analog
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJMC204HMM Datasheet(HTML) 16 Page - Microchip Technology

Back Button DSPIC33FJMC204HMM Datasheet HTML 12Page - Microchip Technology DSPIC33FJMC204HMM Datasheet HTML 13Page - Microchip Technology DSPIC33FJMC204HMM Datasheet HTML 14Page - Microchip Technology DSPIC33FJMC204HMM Datasheet HTML 15Page - Microchip Technology DSPIC33FJMC204HMM Datasheet HTML 16Page - Microchip Technology DSPIC33FJMC204HMM Datasheet HTML 17Page - Microchip Technology DSPIC33FJMC204HMM Datasheet HTML 18Page - Microchip Technology DSPIC33FJMC204HMM Datasheet HTML 19Page - Microchip Technology DSPIC33FJMC204HMM Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 330 page
background image
dsPIC33FJ32MC202/204 and dsPIC33FJ16MC304
DS70283K-page 16
© 2007-2012 Microchip Technology Inc.
2.7
Oscillator Value Conditions on
Device Start-up
If the PLL of the target device is enabled and
configured for the device start-up oscillator, the
maximum oscillator source frequency must be limited
to
≤8 MHz for start-up with PLL enabled. This means
that if the external oscillator frequency is outside this
range, the application must start-up in FRC mode first.
The default PLL settings after a POR with an oscillator
frequency outside this range will violate the device
operating speed.
Once the device powers up, the application firmware
can initialize the PLL SFRs, CLKDIV and PLLDBF to a
suitable value, and then perform a clock switch to the
Oscillator + PLL clock source. Note that clock switching
must be enabled in the device Configuration word.
2.8
Configuration of Analog and
Digital Pins During ICSP
Operations
If MPLAB ICD 2, MPLAB ICD 3 or MPLAB REAL ICE™
in-circuit emulator is selected as a debugger, it auto-
matically initializes all of the A/D input pins (ANx) as
“digital” pins, by setting all bits in the AD1PCFGL regis-
ter.
The bits in the registers that correspond to the A/D pins
that are initialized by MPLAB ICD 3 or MPLAB REAL
ICE™ in-circuit emulator, must not be cleared by the
user application firmware; otherwise, communication
errors will result between the debugger and the device.
If your application needs to use certain A/D pins as
analog input pins during the debug session, the user
application must clear the corresponding bits in the
AD1PCFGL register during initialization of the ADC
module.
When MPLAB ICD 3 or MPLAB REAL ICE™ in-circuit
emulator is used as a programmer, the user application
firmware must correctly configure the AD1PCFGL
register. Automatic initialization of this register is only
done during debugger operation. Failure to correctly
configure the register(s) will result in all A/D pins being
recognized as analog input pins, resulting in the port
value being read as a logic ‘0’, which may affect user
application functionality.
2.9
Unused I/Os
Unused I/O pins should be configured as outputs and
driven to a logic-low state.
Alternatively, connect a 1k to 10k resistor between VSS
and the unused pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com