Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VC06LC18X500 Datasheet(PDF) 2 Page - AVX Corporation

Part # VC06LC18X500
Description  AVX Multilayer Ceramic Transient Voltage Suppressors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

VC06LC18X500 Datasheet(HTML) 2 Page - AVX Corporation

  VC06LC18X500 Datasheet HTML 1Page - AVX Corporation VC06LC18X500 Datasheet HTML 2Page - AVX Corporation VC06LC18X500 Datasheet HTML 3Page - AVX Corporation VC06LC18X500 Datasheet HTML 4Page - AVX Corporation VC06LC18X500 Datasheet HTML 5Page - AVX Corporation VC06LC18X500 Datasheet HTML 6Page - AVX Corporation VC06LC18X500 Datasheet HTML 7Page - AVX Corporation VC06LC18X500 Datasheet HTML 8Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Surface Mount Devices
Important:
For part number identification only, not for con-
struction of part numbers.
The information below only defines the numerical value of part
number digits, and cannot be used to construct a desired set of
electrical limits. Please refer to the TransGuard® part number data
(blue section, pages 3-8) for the correct electrical ratings.
Important: For part number identification only, not for con-
struction of part numbers.
The information below only defines the numerical value of part
number digits, and cannot be used to construct a desired set
of electrical limits. Please refer to the TransGuard® part number
data (blue section, page 9) for the correct electrical ratings.
V C 1206 05 D 150 R
PACKAGING (Pcs/Reel):
STYLE
“D”
“R”
“T”
VC0402
N/A
4,000
10,000
VC0603
1,000
4,000
10,000
VC0805
1,000
4,000
10,000
VC1206
1,000
4,000
10,000
VC1210
1,000
2,000
10,000
CLAMPING VOLTAGE:
Where: 100 = 10.0V
500 =
50.0V
150 = 15.5V
560 =
56.0V
200 = 20.0V
580 =
58.0V
250 = 25.0V
620 =
62.0V
300 = 30.0V
650 =
65.0V
390 = 39.0V
101 = 100.0V
400 = 40.0V
121 = 120.0V
ENERGY:
Where:
A = 0.1J
H = 1.2J
C = 0.3J
J = 1.5J
D = 0.4J
P = 3.0J
F = 0.7J
V = 0.02J
G = 0.9J
X = 0.05J
WORKING VOLTAGE:
Where: 03 =
3.3 VDC
18 = 18.0 VDC
05 =
5.6 VDC
26 = 26.0 VDC
09 =
9.0 VDC
30 = 30.0 VDC
12 = 12.0 VDC
48 = 48.0 VDC
14 = 14.0 VDC
60 = 60.0 VDC
CASE SIZE DESIGNATOR:
SIZE
LENGTH
WIDTH
0402 1.00±0.10mm (0.040"±0.004") 0.5±0.10mm (0.020"±0.004")
0603 1.60±0.15mm (0.063"±0.006") 0.8±0.15mm (0.032"±0.006")
0805 2.01±0.2mm
(0.079"±0.008") 1.25±0.2mm (0.049"±0.008")
1206 3.20±0.2mm
(0.126"±0.008") 1.60±0.2mm (0.063"±0.008")
1210 3.20±0.2mm
(0.126"±0.008") 2.49±0.2mm (0.098"±0.008")
CASE STYLE:
C = Chip
PRODUCT DESIGNATOR:
V = Varistor
MARKING:
All standard surface mount TransGuard® chips will not be marked. Marked
chips will be considered a special; contact factory for minimum order
requirement and price adder.
V A 1000 05 D 150 R
PACKAGING (Pcs/Reel):
STYLE
“D”
“R”
“T”
VA1000
1,000
3,000
7,500
VA2000
1,000
2,500
5,000
CLAMPING VOLTAGE:
Where:
100 = 10.0V
580 = 58.0V
150 = 15.5V
650 = 65.0V
300 = 30.0V
101 = 100.0V
400 = 40.0V
121 = 120.0V
ENERGY:
Where: A = 0.1J
D = 0.4J
K = 2.0J
WORKING VOLTAGE:
Where: 03 = 3.3 VDC 26 = 26.0 VDC
05 = 5.6 VDC 30 = 30.0 VDC
14 = 14.0 VDC 48 = 48.0 VDC
18 = 18.0 VDC 60 = 60.0 VDC
CASE SIZE DESIGNATOR:
SIZE
LENGTH
DIAMETER
1000 4.32mm (0.170") 2.54mm (0.100")
2000 4.83mm (0.190") 3.56mm (0.140")
CASE STYLE:
A = Axial
PRODUCT DESIGNATOR:
V = Varistor
MARKING:
All axial TransGuards® are marked with vendor identification, product
identification, voltage/energy rating code and date code (see example below):
Where: AVX = Always AVX (Vendor Identification)
TVS = Always TVS (Product Identification
- Transient Voltage Suppressor)
05D = Working VDC and Energy Rating (Joules)
Where: 05 = 5.6 VDC, D = 0.4J
025 = Three Digit Date Code
Where: 0 = Last digit of year (2000)
25 = Week of year
Axial Leaded Devices
PART NUMBER IDENTIFICATION
AVX
TVS
05D
025
TransGuard
®
AVX Multilayer Ceramic Transient Voltage Suppressors



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com