Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VC06LC18X500 Datasheet(PDF) 5 Page - AVX Corporation

Part # VC06LC18X500
Description  AVX Multilayer Ceramic Transient Voltage Suppressors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

VC06LC18X500 Datasheet(HTML) 5 Page - AVX Corporation

  VC06LC18X500 Datasheet HTML 1Page - AVX Corporation VC06LC18X500 Datasheet HTML 2Page - AVX Corporation VC06LC18X500 Datasheet HTML 3Page - AVX Corporation VC06LC18X500 Datasheet HTML 4Page - AVX Corporation VC06LC18X500 Datasheet HTML 5Page - AVX Corporation VC06LC18X500 Datasheet HTML 6Page - AVX Corporation VC06LC18X500 Datasheet HTML 7Page - AVX Corporation VC06LC18X500 Datasheet HTML 8Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
TransGuard
®
AVX Multilayer Ceramic Transient Voltage Suppressors
VOLTAGES = 3.3, 5.6, 9, 14, 18, 26 OR 30 VDC
0603 SURFACE MOUNT
Dimensions:
Actual Size:
Length
1.6 ± 0.15mm (0.063" ± 0.006")
Width
0.50 ± 0.15mm (0.032" ± 0.006")
Thickness
0.9mm Max. (0.035")
Termination Band Width
0.35 ± 0.15mm (0.014" ± 0.006")
Termination Separation
0.7mm Min. (0.028")
Termination Finish
Pt/Pd/Ag
AVX
Working
Breakdown
Clamping
Peak
Transient
Part Number
Voltage
Voltage
Voltage
Current
Energy
Capacitance
Inductance
Symbol
V
WM
V
B
V
C
I
peak
E
trans
CL
Units
Volts
Volts
Volts
Amp
Joules
pF
nH
(max.)
(max.)
(max.)
(max.)
(typ.)
(typ.)
Test Condition
<50µA
1mA DC
8/20µS†
8/20µs
10/1000µS
0.5Vrms @:
di/dt = 100mA/nS
1kHz 1 MHz
VC060303A100
3.3#
4.1 - 6.0
10
30
0.1
1800
1230
<1.0
VC060305A150
5.6
7.6 - 9.3
15.5
30
0.1
1000
825
<1.0
VC060309A200
9.0
11.0 - 15.0
20
30
0.1
650
550
<1.0
VC060314A300
14.0
16.5 - 20.3
30
30
0.1
500
424
<1.0
VC060318A400
18.0
22.9 - 28.0
40
30
0.1
275
225
<1.0
VC060326A580
26.0
31.0 - 38.0
58
30
0.1
200
160
<1.0
VC060330A650
30.0
37.0 - 46.0
65
30
0.1
175
150
<1.0
VC06LC18X500
See pages 14-15 for specification and performance details.
V
WM—Maximum steady-state DC operating voltage the varistor can maintain and not exceed 50µA leakage current
V
B—Voltage across the device measured at 1mA DC current
V
C—Maximum peak voltage across the varistor measured at a specified pulse current and waveform
†Transient Energy Rating
Pulse Current & Waveform
0.1 Joule
2A 8/20µS
I
peak—Maximum peak current which may be applied with the specified waveform without device failure
E
tran—Maximum energy which may be dissipated with the specified waveform without device failure
C—Device capacitance measured with zero volt bias 0.5Vrms and 1kHz
L—Device inductance measured with a current edge rate of 100 mA/nS
Dimensions: Millimeters (Inches)
#Test condition <100µA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com