Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POE-CIT-R Datasheet(PDF) 1 Page - Phihong USA Inc.

Part # POE-CIT-R
Description  Power-over-Ethernet Camera Installation Tool
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

POE-CIT-R Datasheet(HTML) 1 Page - Phihong USA Inc.

  POE-CIT-R Datasheet HTML 1Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Revision 11/17/2011
WWW.PHIHONG.COM
Power-over-Ethernet Camera Installation Tool
POE-CIT-R aids in Camera Installation and POE Detection
Features
 Optional 56V DC In Port
 Redirects Data from Camera to Ethernet
enabled display including Netbooks or tablets
 Network port detects PoE and PoE Type
 Key ring Loop
 Diagnostic LEDs
 Shirt Pocket Sized
 Camera port has no detection and may not be
connected to non-PoE ready devices
 Layer 1 Classification for IEEE802.3at
powered devices
Applications
 PoE Camera Installation
 PoE Detection (including Type)
Safety Approvals
 CE
Mechanical Characteristics
 Length: 64mm (2.5in)
 Height: 23.5mm (0.9in)
 Width: 36.5mm (1.4in)
 Weight: 30g (1oz)
Dimension Diagram Unit:mm


Similar Part No. - POE-CIT-R

ManufacturerPart #DatasheetDescription
logo
Tycon Systems, Inc.
POE-CONV TYCONSYSTEMS-POE-CONV Datasheet
441Kb / 2P
Gigabit PoE Converter
POE-CONV-2AF-AT TYCONSYSTEMS-POE-CONV-2AF-AT Datasheet
441Kb / 2P
Gigabit PoE Converter
POE-CONV-2AT-60 TYCONSYSTEMS-POE-CONV-2AT-60 Datasheet
441Kb / 2P
Gigabit PoE Converter
POE-CONV-4824G TYCONSYSTEMS-POE-CONV-4824G Datasheet
202Kb / 1P
802.3af/at/bt to 24V Passive PoE Converter
More results

Similar Description - POE-CIT-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AG8000 ETC2-AG8000 Datasheet
306Kb / 14P
Power-Over-Ethernet Module
AG8100 ETC2-AG8100 Datasheet
364Kb / 16P
Power-Over-Ethernet Module
AG8200 ETC2-AG8200 Datasheet
354Kb / 16P
Power-Over-Ethernet Module
AG9000-S ETC2-AG9000-S Datasheet
299Kb / 14P
Power-Over-Ethernet Module
logo
Bourns Electronic Solut...
CDNBS08-PLC03-3.3 BOURNS-CDNBS08-PLC03-3.3_10 Datasheet
826Kb / 1P
Power Over Ethernet (PoE)
logo
AAEON Technology
PER-P09D AAEON-PER-P09D Datasheet
204Kb / 1P
Power over Ethernet Module
logo
Winchester Electronics ...
KTW-13 WINCHESTER-KTW-13 Datasheet
28Kb / 1P
INSTALLATION EXTRACTION TOOL
logo
Level One
FCS-1101 LVL1-FCS-1101 Datasheet
191Kb / 3P
PoE(Power over Ethernet)
logo
XP Power Limited
POE XPPOWER-POE Datasheet
164Kb / 2P
Power Over Ethernet Compatible
logo
Silver Telecom 2019
AG9700 SILVERTEL-AG9700 Datasheet
519Kb / 22P
Power-Over-Ethernet Module
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com