Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AUIPS6011STRR Datasheet(PDF) 2 Page - International Rectifier

Part # AUIPS6011STRR
Description  INTELLIGENT POWER HIGH SIDE SWITCH
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIPS6011STRR Datasheet(HTML) 2 Page - International Rectifier

  AUIPS6011STRR Datasheet HTML 1Page - International Rectifier AUIPS6011STRR Datasheet HTML 2Page - International Rectifier AUIPS6011STRR Datasheet HTML 3Page - International Rectifier AUIPS6011STRR Datasheet HTML 4Page - International Rectifier AUIPS6011STRR Datasheet HTML 5Page - International Rectifier AUIPS6011STRR Datasheet HTML 6Page - International Rectifier AUIPS6011STRR Datasheet HTML 7Page - International Rectifier AUIPS6011STRR Datasheet HTML 8Page - International Rectifier AUIPS6011STRR Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
AUIPS6011(S)(R)
www.irf.com
2
Qualification Information
†
Qualification Level
Automotive
(per AEC-Q100
††
)
Comments: This family of ICs has passed an Automotive qualification.
IR’s
Industrial and Consumer qualification level is granted by extension of the higher
Automotive level.
Moisture Sensitivity Level
D2PAK-5L
MSL1, 260°C
(per IPC/JEDEC J-STD-020)
TO-220
Not applicable
(non-surface mount package style)
DPAK-5L
MSL1, 260°C
(per IPC/JEDEC J-STD-020)
ESD
Machine Model
Class M2 (+/-150V)
†††
(per AEC-Q100-003)
Human Body Model
Class H1C (+/-1500V)
†††
(per AEC-Q100-002)
Charged Device Model
(DPAK,D2PAK)
Class C4 (+/-900V)
†††
(per AEC-Q100-011)
Charged Device Model
(TO220)
Class C3B (+/-750V)
†††
(per AEC-Q100-011)
IC Latch-Up Test
Class II, Level A
(per AEC-Q100-004)
RoHS Compliant
Yes
†
Qualification standards can be found at International Re
ctifier’s web site http://www.irf.com/
††
Exceptions to AEC-Q100 requirements are noted in the qualification report.
†††
Passing voltage level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com