Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AUIPS6011STRR Datasheet(PDF) 8 Page - International Rectifier

Part # AUIPS6011STRR
Description  INTELLIGENT POWER HIGH SIDE SWITCH
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIPS6011STRR Datasheet(HTML) 8 Page - International Rectifier

Back Button AUIPS6011STRR Datasheet HTML 4Page - International Rectifier AUIPS6011STRR Datasheet HTML 5Page - International Rectifier AUIPS6011STRR Datasheet HTML 6Page - International Rectifier AUIPS6011STRR Datasheet HTML 7Page - International Rectifier AUIPS6011STRR Datasheet HTML 8Page - International Rectifier AUIPS6011STRR Datasheet HTML 9Page - International Rectifier AUIPS6011STRR Datasheet HTML 10Page - International Rectifier AUIPS6011STRR Datasheet HTML 11Page - International Rectifier AUIPS6011STRR Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
AUIPS6011(S)(R)
www.irf.com
8
50%
100%
150%
200%
-50
0
50
100
150
0
5
10
15
20
25
30
35
40
-50
0
50
100
150
TO220 5°C/W
D2Pak 40°C/W
DPak 50°C/W
Figure 5
– Switching energy (µJ) Vs Output
current (A)
Iout, Output current (A)
0
1000
2000
3000
4000
0
5
10
15
1
10
100
0.001
0.01
0.1
1
10
Tj, junction temperature (°C)
Figure 6 - Normalized Rds(on) (%) Vs Tj (°C)
Figure 7
– Max. Output current (A) Vs Load
inductance (mH)
Load inductance (mH)
Figure 8
– Max. ouput current (A)
Vs Ambient temperature (°C)
Tamb, Ambient temperature (°C)
Eon
Eoff



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com