Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF5N62K3 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STF5N62K3
Description  N-channel 620 V, 1.28 ohm, 4.2 A SuperMESH3 Power MOSFET
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF5N62K3 Datasheet(HTML) 1 Page - STMicroelectronics

  STF5N62K3 Datasheet HTML 1Page - STMicroelectronics STF5N62K3 Datasheet HTML 2Page - STMicroelectronics STF5N62K3 Datasheet HTML 3Page - STMicroelectronics STF5N62K3 Datasheet HTML 4Page - STMicroelectronics STF5N62K3 Datasheet HTML 5Page - STMicroelectronics STF5N62K3 Datasheet HTML 6Page - STMicroelectronics STF5N62K3 Datasheet HTML 7Page - STMicroelectronics STF5N62K3 Datasheet HTML 8Page - STMicroelectronics STF5N62K3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
October 2010
Doc ID 17361 Rev 2
1/19
19
STB5N62K3, STD5N62K3, STF5N62K3
STP5N62K3, STU5N62K3
N-channel 620 V, 1.28
Ω, 4.2 A SuperMESH3™ Power MOSFET
D²PAK, DPAK,TO-220FP, TO-220 and IPAK
Features
■ 100% avalanche tested
■ Extremely large avalanche performance
■ Gate charge minimized
■ Very low intrinsic capacitance
■ Improved diode reverse recovery
characteristics
■ Zener-protected
Application
Switching applications
Description
These devices are made using the
SuperMESH3™ Power MOSFET technology that
is obtained via improvements applied to
STMicroelectronics’ SuperMESH™ technology
combined with a new optimized vertical structure.
The resulting product has an extremely low on
resistance, superior dynamic performance and
high avalanche capability, making it especially
suitable for the most demanding applications.
Figure 1.
Internal schematic diagram
Order codes
VDSS
RDS(on)
max.
ID
Pw
STB5N62K3
STD5N62K3
620 V
< 1.6
Ω
4.2 A
70 W
STF5N62K3
25 W
STP5N62K3
STU5N62K3
70 W
1
2
3
TO-220
TO-220FP
1
2
3
DPAK
1
3
1
3
D²PAK
3
2
1
IPAK
D(2)
G(1)
S(3)
AM01476v1
Table 1.
Device summary
Order codes
Marking
Packages
Packaging
STB5N62K3
STD5N62K3
STF5N62K3
STP5N62K3
STU5N62K3
5N62K3
D²PAK
DPAK
TO-220FP
TO-220
IPAK
Tape and reel
Tape and reel
Tube
Tube
Tube
www.st.com


Similar Part No. - STF5N62K3

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STF5N62K3 ISC-STF5N62K3 Datasheet
318Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STF5N62K3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB3N62K3 STMICROELECTRONICS-STB3N62K3_09 Datasheet
554Kb / 20P
N-channel 620 V, 2.2 OHM , 2.7 A SuperMESH3 Power MOSFET D2PAK, DPAK, TO-220FP, TO-220, IPAK
17-Aug-2009
STD6N62K3 STMICROELECTRONICS-STD6N62K3 Datasheet
433Kb / 17P
N-channel 620 V, 1.1 廓, 5.5 A, IPAK, DPAK, TO-220,TO-220FP SuperMESH3??Power MOSFET
19-May-2006
STF10N62K3 STMICROELECTRONICS-STF10N62K3 Datasheet
954Kb / 17P
N-channel 620 V, 0.68 廓 typ., 8.4 A SuperMESH3?
13-Sep-2012
STF4N62K3 STMICROELECTRONICS-STF4N62K3 Datasheet
1Mb / 19P
N-channel 620 V, 1.7 Ω typ., 3.8 A SuperMESH3 Power MOSFET
07-Aug-2012
STB4N62K3 STMICROELECTRONICS-STB4N62K3 Datasheet
1Mb / 18P
N-channel 620 V, 1.7 Ω, 3.8 A SuperMESH3 Power MOSFET
26-Apr-2012
STB11N52K3 STMICROELECTRONICS-STB11N52K3 Datasheet
1Mb / 20P
N-channel 525 V, 0.41 ohm, 10 A SuperMESH3 Power MOSFET
27-Mar-2012
STD5N52K3 STMICROELECTRONICS-STD5N52K3 Datasheet
1Mb / 23P
N-channel 525 V, 1.2 ohm, 4.4 A SuperMESH3 Power MOSFET
14-Dec-2010
STP5N52K3 STMICROELECTRONICS-STP5N52K3 Datasheet
1Mb / 23P
N-channel 525 V, 1.2 ohm, 4.4 A SuperMESH3 Power MOSFET
14-Dec-2010
STU2N62K3 STMICROELECTRONICS-STU2N62K3 Datasheet
1Mb / 25P
N-channel 620 V, 3 ohm, 2.2 A SuperMESH3 Power MOSFET
20-Mar-2012
STFILED625 STMICROELECTRONICS-STFILED625 Datasheet
1Mb / 15P
N-channel 620 V, 1.28 Ω typ., 5.0 A Power MOSFET in I2PAKFP and TO-220 packages
25-Mar-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com