Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF5N62K3 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STF5N62K3
Description  N-channel 620 V, 1.28 ohm, 4.2 A SuperMESH3 Power MOSFET
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF5N62K3 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STF5N62K3 Datasheet HTML 8Page - STMicroelectronics STF5N62K3 Datasheet HTML 9Page - STMicroelectronics STF5N62K3 Datasheet HTML 10Page - STMicroelectronics STF5N62K3 Datasheet HTML 11Page - STMicroelectronics STF5N62K3 Datasheet HTML 12Page - STMicroelectronics STF5N62K3 Datasheet HTML 13Page - STMicroelectronics STF5N62K3 Datasheet HTML 14Page - STMicroelectronics STF5N62K3 Datasheet HTML 15Page - STMicroelectronics STF5N62K3 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
Package mechanical data
STB/D/F/P/U5N62K3
12/19
Doc ID 17361 Rev 2
DIM.
mm.
.
x
a
m
p
y
t
.
n
i
m
0
4
.
2
0
2
.
2
A
0
1
.
1
0
9
.
0
1
A
3
2
.
0
3
0
.
0
2
A
0
9
.
0
4
6
.
0
b
0
4
.
5
0
2
.
5
4
b
0
6
.
0
5
4
.
0
c
0
6
.
0
8
4
.
0
2
c
0
2
.
6
0
0
.
6
D
0
1
.
5
1
D
0
6
.
6
0
4
.
6
E
0
7
.
4
1
E
8
2
.
2
e
0
6
.
4
0
4
.
4
1
e
0
1
.
0
1
5
3
.
9
H
1
L
0
8
.
2
1
L
0
8
.
0
2
L
1
0
6
.
0
4
L
0
2
.
0
R
V2
0 o
8 o
TO-252 (DPAK) mechanical data
0068772_G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com