Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS27M2ACD Datasheet(PDF) 6 Page - STMicroelectronics

Part # TS27M2ACD
Description  Low-power CMOS dual operational amplifiers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS27M2ACD Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TS27M2ACD Datasheet HTML 2Page - STMicroelectronics TS27M2ACD Datasheet HTML 3Page - STMicroelectronics TS27M2ACD Datasheet HTML 4Page - STMicroelectronics TS27M2ACD Datasheet HTML 5Page - STMicroelectronics TS27M2ACD Datasheet HTML 6Page - STMicroelectronics TS27M2ACD Datasheet HTML 7Page - STMicroelectronics TS27M2ACD Datasheet HTML 8Page - STMicroelectronics TS27M2ACD Datasheet HTML 9Page - STMicroelectronics TS27M2ACD Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Typical characteristics
TS27M2, TS27M2A, TS27M2B
6/14
Doc ID 2306 Rev 2
3
Typical characteristics
Figure 2.
Supply current (each amplifier)
versus supply voltage
Figure 3.
Input bias current versus free air
temperature
CC
SUPPLY VOLTAGE, V
(V)
AMB
V
O
CC
˚
0
4
8
12
16
200
150
100
50
T
= 25 C
A = 1
V = V
/ 2
25
50
75
100
125
AMB
TEMPERATURE, T
( C)
˚
V
= 10V
V = 5V
CC
i
100
10
1
Figure 4.
High level output voltage versus
high level output current
Figure 5.
High level output voltage versus
high level output current
5
4
3
2
1
0
-10
-8
-6
-4
-2
0
OH
OUTPUT CURRENT, I
(mA)
AMB
ID
T
= 25 C
V
= 100mV
˚
V
= 5V
V
= 3V
CC
CC
20
16
12
8
4
0
-50
-40
-30
-20
-10
0
AMB
ID
˚
T
= 25 C
V
= 100mV
V
= 16V
CC
CC
V
= 10V
OUTPUT CURRENT, I
(mA)
OH
Figure 6.
Low level output voltage versus low
level output current
Figure 7.
Low level output voltage versus low
level output current
1.0
0.8
0.6
0.4
0.2
AMB
i
ID
V
= 3V
V
= 5V
CC
CC
˚
OUTPUT CURRENT, I
(mA)
OL
0
1
2
3
T
= 25 C
V = 0.5V
V
= -1V
3
2
1
0
4
8
12
16
20
OUTPUT CURRENT, I
(mA)
OL
AMB
ID
i
T
= 25 C
V = 0.5V
V = -1V
˚
CC
V
= 10V
CC
V
= 16V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com