Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS27M2ACD Datasheet(PDF) 5 Page - STMicroelectronics

Part # TS27M2ACD
Description  Low-power CMOS dual operational amplifiers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS27M2ACD Datasheet(HTML) 5 Page - STMicroelectronics

  TS27M2ACD Datasheet HTML 1Page - STMicroelectronics TS27M2ACD Datasheet HTML 2Page - STMicroelectronics TS27M2ACD Datasheet HTML 3Page - STMicroelectronics TS27M2ACD Datasheet HTML 4Page - STMicroelectronics TS27M2ACD Datasheet HTML 5Page - STMicroelectronics TS27M2ACD Datasheet HTML 6Page - STMicroelectronics TS27M2ACD Datasheet HTML 7Page - STMicroelectronics TS27M2ACD Datasheet HTML 8Page - STMicroelectronics TS27M2ACD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
TS27M2, TS27M2A, TS27M2B
Electrical characteristics
Doc ID 2306 Rev 2
5/14
AC performance
GBP
Gain bandwidth product
Av = 40 dB, RL = 100 kΩ, CL = 100 pF,
fin = 100 kHz
0.5
1
0.5
1
MHz
SR
Slew rate at unity gain
RL = 100 kΩ, CL = 100 pF, Vi = 3 to 7 V
0.3
0.6
0.3
0.6
V/
μs
φm
Phase margin at unity gain
Av = 40 dB, RL = 100 kΩ, CL = 100 pF
45
45
Degrees
KOV
Overshoot factor
30
30
%
en
Equivalent input noise voltage
f = 1 kHz, Rs = 100 Ω
38
38
Vo1/Vo2 Channel separation
120
120
dB
1.
Maximum values including unavoidable inaccuracies of industrial tests.
Table 3.
Electrical characteristics at VCC+ = +10 V, VCC- = 0 V, Tamb = +25° C
(unless otherwise specified) (continued)
Symbol
Parameter
TS27M2xC
TS27M2xI
TS27M2xM
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
nV
Hz
------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com