Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD720202 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # PD720202
Description  USB3.0 Host Controller
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD720202 Datasheet(HTML) 2 Page - Renesas Technology Corp

  PD720202 Datasheet HTML 1Page - Renesas Technology Corp PD720202 Datasheet HTML 2Page - Renesas Technology Corp PD720202 Datasheet HTML 3Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Space
Space--saving QFN package and easy PCB layout
saving QFN package and easy PCB layout
μPD720200/200A
μPD720202
50% Reduction
μPD720201
External
Serial ROM
μPD720200/200A
+
μPD720201/202
Higher performance data transfer
Higher performance data transfer
[%]
[%]
μPD720200A μPD720201/202
μPD720200A μPD720201/202
Supports firmware download from system BIOS
Supports firmware download from system BIOS
Reduces BOM cost
& PCB space
External ROM optional
176pin BGA (10x10)
World
World’’s lowest power USB3.0 host controller
s lowest power USB3.0 host controller
μPD720200A
Saves laptop
battery power
μPD720201/202
20% Read Performance Increase
40% Write Performance Increase
Sleep mode (< 10mW)
Power reduction with no peripheral connection
68pin QFN (8x8)
48pin QFN (7x7)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com