Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD720202 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # PD720202
Description  USB3.0 Host Controller
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD720202 Datasheet(HTML) 1 Page - Renesas Technology Corp

  PD720202 Datasheet HTML 1Page - Renesas Technology Corp PD720202 Datasheet HTML 2Page - Renesas Technology Corp PD720202 Datasheet HTML 3Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
USB3.0 Host Controller
μPD720201/μPD720202
The
μPD720201 and μPD720202 are the third generation
Universal Serial Bus 3.0 host controllers, which comply with
the Universal Serial Bus 3.0 Specification, and Intel’s
eXtensible Host Controller Interface (xHCI). The
μPD720201
supports up to four USB3.0 SuperSpeed ports and
μPD720202
supports up to two USB3.0 SuperSpeed ports.
The
μPD720201 and μPD720202 use a PCI Express® Gen 2 system interface bus allowing system designers to
easily add up to four (
μPD720201) or two (μPD720202) USB3.0 SuperSpeed ports to systems containing the PCI
Express bus interface. When connected to USB 3.0-compliant peripherals, the
μPD720201 and μPD720202 can
transfer information at clock speeds of up to 5 Gbps. The
μPD720201 and μPD720202 and USB 3.0 standard are
fully compliant and backward compatible with the previous USB2.0 Standard. The new USB 3.0 standard supports
data transfer speeds up to ten times faster than those of the previous generation USB2.0 standard, enabling quick
and efficient transfers of large amount of information.
Block Diagram
USB 3.0 Host Controller
μPD720201/μPD720202 Specification
Differences with the second generation
μPD720200A
Improved effective throughput
Improved power consumption
Adopted small size package
µPD720202K8-701-BAC-A (Ta : 0 ~ 85
°C) &
µPD720202K8-711-BAC-A (Ta : -40 ~ 85
°C) Features
4 USB downstream ports
68-pin QFN, 8mm x 8mm
µPD720202K8-701-BAA-A (Ta : 0 ~ 85
°C) &
µPD720202K8-711-BAA-A (Ta : -40 ~ 85
°C) Features
2 USB downstream ports
48-pin QFN, 7mm x 7mm
Common Features
Universal Serial Bus 3.0 specification Revision 1.0
PCI Express Base Specification Revision 2.0
Intel’s eXtensible Host Controller Interface (xHCI) Specification Revision 1.0
PCI Express Card Electromechanical Specification Revision 2.0
PCI Bus Power Management Interface Specification Revision 1.2
USB Battery Charging Specification Revision 1.2
Supports USB legacy function
Supports Serial Peripheral Interface (SPI) type ROM for Firmware
Supports Firmware Download Interface from system BIOS
System clock : 24MHz crystal
3.3V and 1.05V Power supply
2012.9 Renesas Electronics Corporation
www.renesas.com
Document No. R19PF0043EJ0200 (Rev. 2.00)
Target System
Desktop and Laptop computers, Tablet, Server
PCI Express Card / Express Card
Digital TV, Set-Top-Box, BD Player/Recorder
Media Player, Digital Audio systems
Projector, Multi Function Printer
Storage, Router, NAS, etc
PCI Express
Gen2
Interface
(x 1)
SS PHY
OSC/PLL
SPI
Interface
External
Serial ROM
24MHz Xtal
PCI Express
Port
USB
Connector 1
3.3V
1.05V
xHCI
Controller
Root
Hub
HS/FS/LS PHY
Power SW I/F
SS PHY
HS/FS/LS PHY
Power SW I/F
USB
Connector 2
Option
µPD720202K8-701-BAA-A
µPD720202K8-711-BAA-A
PCI Express
Gen2
Interface
(x 1)
SS PHY
OSC/PLL
SPI
Interface
External
Serial ROM
24MHz Xtal
PCI Express
Port
USB
Connector 1
3.3V
1.05V
xHCI
Controller
Root
Hub
HS/FS/LS PHY
Power SW I/F
SS PHY
HS/FS/LS PHY
Power SW I/F
SS PHY
HS/FS/LS PHY
Power SW I/F
SS PHY
HS/FS/LS PHY
Power SW I/F
USB
Connector 2
USB
Connector 3
USB
Connector 4
Option
µPD720201K8-701-BAC-A
µPD720201K8-711-BAC-A


Similar Part No. - PD720202

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PD720202 RENESAS-PD720202 Datasheet
1Mb / 43P
ASSP (USB3.0 HOST CONTROLLER)
More results

Similar Description - PD720202

ManufacturerPart #DatasheetDescription
logo
NEC
UPD720101 NEC-UPD720101 Datasheet
406Kb / 36P
USB2.0 HOST CONTROLLER
logo
Intel Corporation
82443BX INTEL-82443BX Datasheet
645Kb / 132P
Host Bridge/Controller
logo
List of Unclassifed Man...
VT6305 ETC-VT6305 Datasheet
220Kb / 35P
PCI 1394 Host Controller
logo
Silicon image
SII0680 SILICONIMAGE-SII0680 Datasheet
207Kb / 2P
SteelVine??Host Controller
SII3531 SILICONIMAGE-SII3531 Datasheet
217Kb / 2P
SteelVine??Host Controller
logo
Future Technology Devic...
VPROG-1 FTDI-VPROG-1 Datasheet
380Kb / 16P
Vinculum Host Controller Programmer
logo
Renesas Technology Corp
UPD720101GJ-UEN-A RENESAS-UPD720101GJ-UEN-A Datasheet
463Kb / 38P
USB 2.0 HOST CONTROLLER
UPD720201K8-701-BAC-A RENESAS-UPD720201K8-701-BAC-A Datasheet
1Mb / 43P
ASSP (USB3.0 HOST CONTROLLER)
logo
List of Unclassifed Man...
PL2771 ETC2-PL2771 Datasheet
173Kb / 1P
SuperSpeed USB3.0 to SATAII Bridge Controller
logo
Prolific Technology Inc...
PL-25A1 PROLIFIC-PL-25A1 Datasheet
237Kb / 1P
Hi-Speed USB Host to Host Bridge Controller
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com