Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC08CSZ3 Datasheet(PDF) 1 Page - Analog Devices

Part # DAC08CSZ3
Description  8-Bit, High Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC08CSZ3 Datasheet(HTML) 1 Page - Analog Devices

  DAC08CSZ3 Datasheet HTML 1Page - Analog Devices DAC08CSZ3 Datasheet HTML 2Page - Analog Devices DAC08CSZ3 Datasheet HTML 3Page - Analog Devices DAC08CSZ3 Datasheet HTML 4Page - Analog Devices DAC08CSZ3 Datasheet HTML 5Page - Analog Devices DAC08CSZ3 Datasheet HTML 6Page - Analog Devices DAC08CSZ3 Datasheet HTML 7Page - Analog Devices DAC08CSZ3 Datasheet HTML 8Page - Analog Devices DAC08CSZ3 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
8-Bit, High Speed, Multiplying D/A Converter
(Universal Digital Logic Interface)
DAC08
Rev. C
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
Fast settling output current: 85 ns
Full-scale current prematched to ±1 LSB
Direct interface to TTL, CMOS, ECL, HTL, PMOS
Nonlinearity to 0.1% maximum over temperature range
High output impedance and compliance: −10 V to +18 V
Complementary current outputs
Wide range multiplying capability: 1 MHz bandwidth
Low FS current drift: ±10 ppm/°C
Wide power supply range: ±4.5 V to ±18 V
Low power consumption: 33 mW @ ±5 V
Low cost
GENERAL DESCRIPTION
The DAC08 series of 8-bit monolithic digital-to-analog convert-
ers provide very high speed performance coupled with low cost
and outstanding applications flexibility.
Advanced circuit design achieves 85 ns settling times with very
low “glitch” energy and at low power consumption. Monotonic
multiplying performance is attained over a wide 20-to-1
reference current range. Matching to within 1 LSB between
reference and full-scale currents eliminates the need for full-
scale trimming in most applications. Direct interface to all
popular logic families with full noise immunity is provided by
the high swing, adjustable threshold logic input.
High voltage compliance complementary current outputs are
provided, increasing versatility and enabling differential
operation to effectively double the peak-to-peak output swing.
In many applications, the outputs can be directly converted to
voltage without the need for an external op amp. All DAC08
series models guarantee full 8-bit monotonicity, and nonlineari-
ties as tight as ±0.1% over the entire operating temperature
range are available. Device performance is essentially unchanged
over the ±4.5 V to ±18 V power supply range, with 33 mW
power consumption attainable at ±5 V supplies.
The compact size and low power consumption make the DAC08
attractive for portable and military/aerospace applications;
devices processed to MIL-STD-883, Level B are available.
DAC08 applications include 8-bit, 1 µs A/D converters, servo
motor and pen drivers, waveform generators, audio encoders
and attenuators, analog meter drivers, programmable power
supplies, LCD display drivers, high speed modems, and other
applications where low cost, high speed, and complete
input/output versatility are required.
FUNCTIONAL BLOCK DIAGRAM
VREF (+)
14
15
V+
VLC
(MSB)
B1
B2
B3
B4
B5
B6
B7
(LSB)
B8
13
1
5
6
7
8
9
10
11
12
V–
COMP
3
16
4
2
IOUT
IOUT
BIAS
NETWORK
CURRENT
SWITCHES
VREF (–)
REFERENCE
AMPLIFIER
DAC08
Figure 1.


Similar Part No. - DAC08CSZ3

ManufacturerPart #DatasheetDescription
logo
Analog Devices
DAC08CSZ AD-DAC08CSZ Datasheet
224Kb / 12P
8-Bit, High-Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
REV. B
DAC08CSZ AD-DAC08CSZ Datasheet
359Kb / 21P
8-Bit, High Speed, Multiplying D/A Converter
3/16-Rev. C to Rev. D
DAC08CSZ-REEL AD-DAC08CSZ-REEL Datasheet
359Kb / 21P
8-Bit, High Speed, Multiplying D/A Converter
3/16-Rev. C to Rev. D
More results

Similar Description - DAC08CSZ3

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJMDAC-08C NJRC-NJMDAC-08C Datasheet
206Kb / 7P
8-BIT HIGH SPEED MULTIPLYING D/A CONVERTER
logo
Analog Devices
DAC08 AD-DAC08 Datasheet
260Kb / 12P
8-Bit, High Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
REV.A
DAC10 AD-DAC10 Datasheet
300Kb / 10P
10-Bit High Speed Multiplying D/A Converter Universal Digital Logic Interface
REV.D
logo
NXP Semiconductors
DAC-08 PHILIPS-DAC-08 Datasheet
162Kb / 16P
8-bit high-speed multiplying D/A converter
2001 Aug 03
logo
Analog Devices
DAC08CP AD-DAC08CP Datasheet
218Kb / 12P
8-Bit, High-Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
logo
NEC
UPC624 NEC-UPC624 Datasheet
447Kb / 9P
8-BIT HIGH-SPEED MULTIPLYING D/A CONVERTER
logo
List of Unclassifed Man...
DAC20 ETC1-DAC20 Datasheet
601Kb / 8P
2 - DIGIT BCD HIGH - SPEED MULTIPLYING D / A CONVERTER ( UNIVERSAL DIGITAL LOGIC INTERFACE )
logo
Analog Devices
DAC08CSZ AD-DAC08CSZ Datasheet
224Kb / 12P
8-Bit, High-Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
REV. B
DAC10FX AD-DAC10FX Datasheet
460Kb / 10P
10-Bit High Speed Multiplying D/A Converter (Universal Digital Logic Interface)
REV. D
DAC08 AD-DAC08_16 Datasheet
359Kb / 21P
8-Bit, High Speed, Multiplying D/A Converter
3/16-Rev. C to Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com