Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC08CSZ3 Datasheet(PDF) 10 Page - Analog Devices

Part # DAC08CSZ3
Description  8-Bit, High Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC08CSZ3 Datasheet(HTML) 10 Page - Analog Devices

Back Button DAC08CSZ3 Datasheet HTML 6Page - Analog Devices DAC08CSZ3 Datasheet HTML 7Page - Analog Devices DAC08CSZ3 Datasheet HTML 8Page - Analog Devices DAC08CSZ3 Datasheet HTML 9Page - Analog Devices DAC08CSZ3 Datasheet HTML 10Page - Analog Devices DAC08CSZ3 Datasheet HTML 11Page - Analog Devices DAC08CSZ3 Datasheet HTML 12Page - Analog Devices DAC08CSZ3 Datasheet HTML 13Page - Analog Devices DAC08CSZ3 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
DAC08
Rev. C | Page 10 of 20
LOGIC INPUT VOLTAGE (V)
1.8
1.6
1.4
1.2
0
1.0
0.8
0.6
0.4
0.2
–12
0
4
8
16
–8
B4
B5
–4
12

B3
B1
V– = –5V
V– = –15V
B2
IREF = 2.0mA
NOTE:
B1 THROUGH B8 HAVE IDENTICAL TRANSFER
CHARACTERISTICS. BITS ARE FULLY SWITCHED WITH LESS
THAN 1/2 LSB ERROR, AT LESS THAN
±100mV FROM ACTUAL
THRESHOLD. THESE SWITCHING POINTS ARE GUARANTEED
TO LIE BETWEEN 0.8V AND 2.0V OVER THE OPERATING
TEMPERATURE RANGE (VLC = 0.0V).
Figure 19. Bit Transfer Characteristics
V+, POSITIVE POWER SUPPLY (V dc)
10
8
7
6
0
5
4
3
2
1
2
9
4
6
8
12
14
16
18
I–
I+
ALL BITS HIGH OR LOW
010
20
20
Figure 20. Power Supply vs. V+
V–, NEGATIVE POWER SUPPLY (V dc)
10
8
7
6
0
5
4
3
2
1
0–
–2
9
–4
–6
–8
–10
–12
–14
–16
–18
I+
BITS MAY BE HIGH OR LOW
I– WITH IREF = 2mA
I– WITH IREF = 1mA
I– WITH IREF = 0.2mA
Figure 21. Power Supply Current vs. V−
TEMPERATURE (°C)
10
9
8
7
6
0
5
4
3
2
1
–50
0
50
100
150
I–
I+
ALL BITS HIGH OR LOW
IREF = 2.0mA
V+ = +15V
V– = –15V
Figure 22. Power Supply Current vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com