Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD103CM3 Datasheet(PDF) 1 Page - Gaomi Xinghe Electronics Co., Ltd.

Part # SD103CM3
Description  Schottky Barrier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
Direct Link  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.

SD103CM3 Datasheet(HTML) 1 Page - Gaomi Xinghe Electronics Co., Ltd.

  SD103CM3 Datasheet HTML 1Page - Gaomi Xinghe Electronics Co., Ltd. SD103CM3 Datasheet HTML 2Page - Gaomi Xinghe Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Schottky Barrier Diode
Absolute Maximum Ratings (Ta = 25 ℃)
Value
Symbol
Parameter
SD103AM3
SD103BM3
SD103CM3
Units
V
RRM
Repetitive Peak Reverse Voltage
40
30
20
V
V
R
Reverse Voltage
28
21
14
V
I
O
Continuous Forward Current
350
mA
I
FSM
Non-Repetitive Peak Forward Current *1
1.5
A
P
D
Power Dissipation
200
mW
T
J
Junction Temperature
125
℃
T
STG
Storage Temperature
-55 to +125
℃
*1 8.3 ms single half sine-wave
Electrical Characteristics (Ta = 25 ℃)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
BV
R
Breakdown Voltage
SD103AM3
SD103BM3
SD103CM3
I
R = 10μA
I
R = 10μA
I
R = 10μA
40
30
20
V
I
R
Reverse Current
SD103AM3
SD103BM3
SD103CM3
V
R = 30V
V
R = 20V
V
R = 10V
5
μA
V
F
Forward Voltage
I
F = 20mA
I
F = 200mA
0.37
0.60
V
V
C
Capacitance
V
R = 0V, f = 1MHz
50
pF
/ DATA SHEET
SD103AM3 / SD103BM3 / SD103CM3
◇ Low Forward Voltage Schottky Rectifier
◇ SOD323F Thin SMD package (Fig-1)
◇ RoHS compliant / Green EMC
◇ Matte Tin (Sn) Lead finish
◇ Moisture Level Sensitivity 1
◇ Cathode Band / Device marking
Device Marking Code
SD103AM3
CA
SD103BM3
CB
SD103CM3
CC
0.65mm Typ
Fig.-1
Package SOD323F
XINGHE ELECTRONICS
星合电子
GAOMI XINGHE ELECTRONICSCO.,LTD.    WWW.SDDZG.COM     TEL:0536-2210359       QQ:464768017
1


Similar Part No. - SD103CM3

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
SD103CMM FCI-SD103CMM Datasheet
561Kb / 2P
350 mA Surface Mounted Schottky Barrier Rectifiers Low Forward Voltage Drop
More results

Similar Description - SD103CM3

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS74SB43 PHILIPS-1PS74SB43 Datasheet
49Kb / 8P
Schottky barrier diode
1999 Dec 10
1PS79SB62 PHILIPS-1PS79SB62 Datasheet
56Kb / 8P
Schottky barrier diode
2001 Jan 18
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
SD103A DIODES-SD103A Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
ON Semiconductor
NSR0230P2T5G ONSEMI-NSR0230P2T5G Datasheet
42Kb / 3P
Schottky Barrier Diode
October, 2006 ??Rev. 0
logo
Unisonic Technologies
RB520S30 UTC-RB520S30 Datasheet
38Kb / 3P
SCHOTTKY BARRIER DIODE
logo
Champion Microelectroni...
CMS-S060-060 CHAMP-CMS-S060-060 Datasheet
21Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shindengen Electric Mfg...
DF20NC15 SHINDENGEN-DF20NC15 Datasheet
641Kb / 2P
Schottky Barrier Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com