Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPT705-150-R Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # FPT705-150-R
Description  Dual Conductor, High Current Power Inductors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

FPT705-150-R Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  FPT705-150-R Datasheet HTML 1Page - Cooper Bussmann, Inc. FPT705-150-R Datasheet HTML 2Page - Cooper Bussmann, Inc. FPT705-150-R Datasheet HTML 3Page - Cooper Bussmann, Inc. FPT705-150-R Datasheet HTML 4Page - Cooper Bussmann, Inc. FPT705-150-R Datasheet HTML 5Page - Cooper Bussmann, Inc. FPT705-150-R Datasheet HTML 6Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Description
• Halogen free, lead free, RoHS compliant
• 125°C maximum total operating temperature
• 8.0 x 7.1 x 5.35mm maximum surface mount package
• Ferrite core material
• Dual conductor, two-turn construction
• Inductance range from 150nH to 300nH
Dual Conductor, High Current Power Inductors
Flat-Pac™ FPT705 Series
0812
BU-SB12618
Page 1 of 6
Data Sheet: 4451
HALOGEN
HF
FREE
Pb
Applications
• Designed specifically for use with Picor® Cool-Power®
ZVS-Buck Regulator Family (Picor part number Series
PI33xx and PI34xx)
Environmental Data
• Storage temperature range: -40°C to +125°C
• Operating temperature range: -40°C to +125°C
(ambient + self-temperature rise)
• Solder reflow temperature: J-STD-020D compliant
Packaging
• Supplied in tape-and reel packaging, 1400 parts per
13” diameter reel
Product Specifications
Part Number6
OCL1 ±10% (nH)
FLL2 min. (nH)
Irms3 (Amps)
Isat4 @ 25°C (Amps)
DCR5 (mΩ) @ 20°C
FPT705-150-R
150
135
35
FPT705-170-R
170
153
31
FPT705-190-R
190
171
28
FPT705-200-R
200
180
13
25
0.65 ± 0.15
FPT705-230-R
230
207
23
FPT705-270-R
270
243
19
FPT705-300-R
300
270
17
1. Open Circuit Inductance (OCL) test parameters: 100kHz, 0.1Vrms,
0.0Adc @ 25°C (Pins 1-3, short 2-4).
2. Full Load Inductance (FLL) test parameters: 100kHz, 0.1Vrms,
Isat1 @ 25°C (Pins 1-3, short 2-4).
3. Irms: DC current for an approximate temperature rise of 40°C without core loss.
Derating is necessary for AC currents. PCB layout, trace thickness and width,
air-flow, and proximity of other heat-generating components will affect the
temperature rise. It is recommended that the temperature of the part not exceed
125°C under worst case operating conditions verified in the end application.
4. Isat1: Peak current for approximately 2% rolloff at +25
℃.
5. DCR Tested from Pins (1-2) and (3-4) @ 20°C.
6. Part Number Definition: FPT705-xxx-R
FPT705 = Product code and size
xxx= Inductance value in nH
“-R” Suffix = RoHS compliant


Similar Part No. - FPT705-150-R

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
FPT705-170-R EATON-FPT705-170-R Datasheet
267Kb / 4P
Dual conductor, high current power inductors
FPT705-190-R EATON-FPT705-190-R Datasheet
267Kb / 4P
Dual conductor, high current power inductors
More results

Similar Description - FPT705-150-R

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SSL1005M SUPERWORLD-SSL1005M Datasheet
278Kb / 7P
HIGH CURRENT POWER INDUCTORS
SSL1308M SUPERWORLD-SSL1308M Datasheet
273Kb / 7P
HIGH CURRENT POWER INDUCTORS
logo
Eaton All Rights Reserv...
HC9 EATON-HC9 Datasheet
441Kb / 4P
High current power inductors
FPT705 EATON-FPT705 Datasheet
267Kb / 4P
Dual conductor, high current power inductors
FPT1006 EATON-FPT1006 Datasheet
336Kb / 4P
Dual conductor high current power inductors
FPV1006 EATON-FPV1006 Datasheet
259Kb / 4P
High current power inductors
HCM0503 EATON-HCM0503 Datasheet
296Kb / 7P
High current power inductors
HCM1305 EATON-HCM1305 Datasheet
658Kb / 9P
High current power inductors
HCV1707 EATON-HCV1707 Datasheet
294Kb / 5P
High current power inductors
FPV1507 EATON-FPV1507 Datasheet
381Kb / 4P
Dual conductor high current power inductor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com