Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFS7326H Datasheet(PDF) 23 Page - Power Integrations, Inc.

Part # PFS7326H
Description  High Power PFC Controller with Integrated High-Voltage MOSFET and Qspeed Diode
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

PFS7326H Datasheet(HTML) 23 Page - Power Integrations, Inc.

Back Button PFS7326H Datasheet HTML 19Page - Power Integrations, Inc. PFS7326H Datasheet HTML 20Page - Power Integrations, Inc. PFS7326H Datasheet HTML 21Page - Power Integrations, Inc. PFS7326H Datasheet HTML 22Page - Power Integrations, Inc. PFS7326H Datasheet HTML 23Page - Power Integrations, Inc. PFS7326H Datasheet HTML 24Page - Power Integrations, Inc. PFS7326H Datasheet HTML 25Page - Power Integrations, Inc. PFS7326H Datasheet HTML 26Page - Power Integrations, Inc. PFS7326H Datasheet HTML 27Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
Rev. B 06/13
23
PFS7323-7329
www.powerint.com
Parameter
Symbol
Conditions
SOURCE = 0 V; V
CC = 12 V,
T
JI = -40 °C to 125 °C
(Note C) (Unless Otherwise Specified)
Min
Typ
Max
Units
Current Limit/Circuit Protection (cont.)
REFERENCE Pin
Off-State Current
Threshold
I
R(OFF)
T
JI = 25 °C
See Figure 12
Short REFERENCE
Pin to G/S
60
mA
Open
REFERENCE Pin
20
Power Good
Power Good Threshold
Set Reference Current
I
PGT
0
°C < T
JI < 100 °C
48.5
51.0
53.5
mA
Power Good Delay Time
t
PG
T
JI = 25 °C
100
ms
Power Good Internal
Reference Threshold
(Start-Up Threshold)
V
PG(H)
0
°C < T
JI < 100 °C
Reference to V
REF
V
REF
-600 mV
V
REF
-300 mV
V
REF
-0 mV
V
POWER GOOD Pin
Leakage Current in
Off-State
I
PG(OFF)
T
JI = 25 °C
V
PGT < VREF – 0.3 V
500
nA
Power Good
On-State Voltage
V
PG(ON)
T
JI = 25 °C
I
PG = 2 mA
2
V
Power Good
Comparator Input
Offset Voltage
V
PG(OS)
0
°C < T
JI < 100 °C
-50
+50
mV
Power Good Threshold
Operating Voltage
V
PGT
0
°C < T
JI < 100 °C
See Note A
0
13.2
V
Power Good
Operating Voltage
V
PG
0
°C < T
JI < 100 °C
See Note A
0
13.2
V
Power MOSFET
ON-State Resistance
R
DS(ON)
I
D = IOCP × 0.5
and
I
V < 48 mA
PFS7323
T
J(M) = 25 °C
0.58
0.69
W
T
J(M) = 100 °C
1.10
PFS7324
T
J(M) = 25 °C
0.49
0.58
T
J(M) = 100 °C
0.92
PFS7325
T
J(M) = 25 °C
0.39
0.46
T
J(M) = 100 °C
0.73
PFS7326
T
J(M) = 25 °C
0.33
0.39
T
J(M) = 100 °C
0.62
PFS7327
T
J(M) = 25 °C
0.28
0.33
T
J(M) = 100 °C
0.52
PFS7328
T
J(M) = 25 °C
0.25
0.29
T
J(M) = 100 °C
0.46
PFS7329
T
J(M) = 25 °C
0.21
0.25
T
J(M) = 100 °C
0.40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com