Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFS7326H Datasheet(PDF) 25 Page - Power Integrations, Inc.

Part # PFS7326H
Description  High Power PFC Controller with Integrated High-Voltage MOSFET and Qspeed Diode
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

PFS7326H Datasheet(HTML) 25 Page - Power Integrations, Inc.

Back Button PFS7326H Datasheet HTML 21Page - Power Integrations, Inc. PFS7326H Datasheet HTML 22Page - Power Integrations, Inc. PFS7326H Datasheet HTML 23Page - Power Integrations, Inc. PFS7326H Datasheet HTML 24Page - Power Integrations, Inc. PFS7326H Datasheet HTML 25Page - Power Integrations, Inc. PFS7326H Datasheet HTML 26Page - Power Integrations, Inc. PFS7326H Datasheet HTML 27Page - Power Integrations, Inc. PFS7326H Datasheet HTML 28Page - Power Integrations, Inc. PFS7326H Datasheet HTML 29Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
Rev. B 06/13
25
PFS7323-7329
www.powerint.com
NOTES:
A. Not tested parameter. Guaranteed by design.
B. Tested in typical Boost PFC application circuit with 22 nF capacitor between VOLTAGE MONITOR and SIGNAL GROUND pins,
and 4 M
W resistor from rectified line to the VOLTAGE MONITOR pin.
C. Normally limited by internal circuitry.
Parameter
Symbol
Conditions
SOURCE = 0 V; V
CC = 12 V,
T
JI = -40 °C to 125 °C
(Note C) (Unless Otherwise Specified)
Min
Typ
Max
Units
Qspeed Diode
DC Characteristics
Reverse Current
I
R(D)
V
R = 530 V,
T
J(D) = 25 °C
0.4
mA
V
R = 530 V,
T
J(D) = 100 °C
0.07
mA
Forward Voltage
V
F
I
F = 3 A,
T
J(D) = 25 °C
1.55
V
I
F = 3 A,
T
J(D) = 100 °C
1.47
Junction Capacitance
C
J
V
R = 10 V, 1 MHz
18
pF
Dynamic Characteristics
Reverse Recovery
Time
t
RR
di/dt = 200 A/
ms,
VR = 400 V
IF = 3 A
T
J(D) = 25 °C
25
ns
T
J(D) = 100 °C
31
Reverse Recovery
Charge
Q
RR
di/dt = 200 A/
ms,
VR = 400 V
IF = 3 A
T
J(D) = 25 °C
33.5
nC
T
J(D) = 100 °C
57
Maximum Reverse
Recovery Current
I
RRM
di/dt = 200 A/
ms,
VR = 400 V
IF = 3 A
T
J(D) = 25 °C
1.9
A
T
J(D) = 100 °C
2.5
Softness Factor = t
B/tA
S
di/dt = 200 A/
ms,
VR = 400 V
IF = 3 A
T
J(D) = 25 °C
1
-
T
J(D) = 100 °C
0.45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com