Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFS7328H Datasheet(PDF) 1 Page - Power Integrations, Inc.

Part # PFS7328H
Description  High Power PFC Controller with Integrated High-Voltage MOSFET and Qspeed Diode
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

PFS7328H Datasheet(HTML) 1 Page - Power Integrations, Inc.

  PFS7328H Datasheet HTML 1Page - Power Integrations, Inc. PFS7328H Datasheet HTML 2Page - Power Integrations, Inc. PFS7328H Datasheet HTML 3Page - Power Integrations, Inc. PFS7328H Datasheet HTML 4Page - Power Integrations, Inc. PFS7328H Datasheet HTML 5Page - Power Integrations, Inc. PFS7328H Datasheet HTML 6Page - Power Integrations, Inc. PFS7328H Datasheet HTML 7Page - Power Integrations, Inc. PFS7328H Datasheet HTML 8Page - Power Integrations, Inc. PFS7328H Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
PFS7323-7329
HiperPFS-2 Family
www.powerint.com
June 2013
High Power PFC Controller with Integrated
High-Voltage MOSFET and Qspeed™ Diode
™
Key Benefits
•
Highly integrated for smallest boost PFC form factor
•
Integrated controller and MOSFET in all package options
•
Ultra-low reverse recovery loss diode (Qspeed) included in
extended eSIP™ package option
•
Lossless internal current sense reduces component count
and system losses
•
EN61000-3-2 Class C and D compliant
•
Packaging optimized for high volume production
•
Exposed pad connected to GROUND pin (CoolPAD)
•
Eliminates insulating pad/heat-spreader
•
Enhanced features
•
Programmable power good (PG) signal
•
User selectable power limit: Enables device swapping in a
given design to optimize efficiency/cost
•
Integrated non-linear amplifier for fast output OV and UV
protection
•
High efficiency and power factor across load range
•
>95% efficiency from 10% load to full load
•
<200 mW no-load consumption at 230 VAC in remote off-state
•
Light load PF >0.9 at 20% load on optimized designs >200 W
•
PF >0.95 at 50% load
•
Enables 80+ Platinum designs
•
Frequency adjusted over line voltage and each line cycle
•
Spread-spectrum across >60 kHz window simplifies EMI
filtering requirements
•
Lower boost inductance
•
Provides up to 425 W peak output power
•
>425 W peak power in power limit voltage regulation mode
Figure 1.
Typical Application Schematic.
Output Power Table
eSIP-16 Package
Product
Maximum Continuous
Output Power Rating at
90 VAC (in Full Mode)
Peak Output Power Rating
Full Mode
(R = 24.9 k
W)
PFS7323L
110 W
120 W
PFS7324L
130 W
150 W
PFS7325L
185 W
205 W
PFS7326H
230 W
260 W
PFS7327H
290 W
320 W
PFS7328H
350 W
385 W
PFS7329H
380 W
425 W
Table 1. Output Power Table (See Table 2 on page 11 for Maximum Continuous
Output Power Ratings.)
PI-6691-050313
AC
IN
DC
OUT
+
S
C
PGT
FB
VCC
PG
K
D
R
G
V
CONTROL
HiperPFS-2
VCC
•
Protection features include: UV, OV, OTP, brown-in/out,
cycle-by-cycle current limit and power limiting for overload
protection
•
Halogen free and RoHS compliant
Applications
•
PC
•
High-power adaptors
•
Printer
•
High-power LED lighting
•
LCD TV
•
Industrial and appliance
•
Video game consoles
•
Generic PFC converters


Similar Part No. - PFS7328H

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
PFS7328H POWERINT-PFS7328H Datasheet
3Mb / 30P
High Power PFC Controller with Integrated High-Voltage MOSFET and Qspeed™ Diode
June 2015
PFS7328H POWERINT-PFS7328H Datasheet
3Mb / 30P
High Power PFC Controller with Integrated
June 2015
More results

Similar Description - PFS7328H

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1603 ONSEMI-NCP1603 Datasheet
270Kb / 30P
PFC/PWM Combo Controller with Integrated High Voltage Startup and Standby Capability
April, 2006 ??Rev. 8
logo
Power Integrations, Inc...
LCS700 POWERINT-LCS700 Datasheet
3Mb / 26P
Integrated LLC Controller, High-Voltage Power MOSFETs and Drivers
PFS704 POWERINT-PFS704 Datasheet
3Mb / 30P
High Power PFC Controller with Integrated High-Voltage MOSFET
logo
ON Semiconductor
NCP1600 ONSEMI-NCP1600 Datasheet
396Kb / 23P
High Voltage PFC Controller
July, 2006 ??Rev. 2
logo
Power Integrations, Inc...
LCS700HG POWERINT-LCS700HG_V01 Datasheet
2Mb / 30P
Integrated LLC Controller, High-Voltage Power MOSFETs and Drivers
May 2017
PFS704 POWERINT-PFS704_V01 Datasheet
2Mb / 30P
High Power PFC Controller with Integrated High-Voltage MOSFET
June 2015
PFS7323 POWERINT-PFS7323_V01 Datasheet
3Mb / 30P
High Power PFC Controller with Integrated High-Voltage MOSFET and Qspeed™ Diode
June 2015
PFS7523 POWERINT-PFS7523 Datasheet
3Mb / 36P
PFC Controller with Integrated High-Voltage MOSFET and Qspeed Diode Optimized for High PF and Efficiency Across Load Range
June 2015
PFS7623C POWERINT-PFS7623C Datasheet
4Mb / 38P
PFC Controller with Integrated 600 V MOSFET and Diode Option Optimized for High PF and Efficiency Across Load Range
August 2020
logo
STMicroelectronics
L4985 STMICROELECTRONICS-L4985 Datasheet
1Mb / 27P
CCM PFC controller with high voltage startupv
28-Dec-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com