Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AF6168 Datasheet(PDF) 87 Page - STMicroelectronics

Part # STM8AF6168
Description  Automotive 8-bit MCU, with up to 32 Kbytes Flash, data EEPROM, 10-bit ADC, timers, LIN, SPI, I2C, 3 to 5.5 V
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF6168 Datasheet(HTML) 87 Page - STMicroelectronics

Back Button STM8AF6168 Datasheet HTML 81Page - STMicroelectronics STM8AF6168 Datasheet HTML 82Page - STMicroelectronics STM8AF6168 Datasheet HTML 83Page - STMicroelectronics STM8AF6168 Datasheet HTML 84Page - STMicroelectronics STM8AF6168 Datasheet HTML 85Page - STMicroelectronics STM8AF6168 Datasheet HTML 86Page - STMicroelectronics STM8AF6168 Datasheet HTML 87Page - STMicroelectronics STM8AF6168 Datasheet HTML 88Page - STMicroelectronics STM8AF6168 Datasheet HTML 89Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 87 / 89 page
background image
STM8AF61xx, STM8AF62xx
Revision history
Doc ID 14952 Rev 6
87/89
31-Jan-2011
5
(continued)
Renamed Fast Active Halt mode to Active-halt mode with regulator
on, and Slow Active Halt mode to Active-halt mode with regulator off.
Updated Table 26: Total current consumption in Halt and Active-halt
modes. General conditions for VDD apply, TA = -40 to 55 °C, in
particular IDD(FAH) and IDD(SAH) renamed IDD(AH); tWU(FAH) and
tWU(SAH) renamed tWU(AH), and temperature condition added.
Removed IDD(USART) from Table 29: Typical peripheral current
consumption VDD = 5.0 V.
Updated general conditions in Section 10.3.5: Memory
characteristics. Modified TWE maximum value in Table 35: Flash
program memory and Table 36: Data memory.
Update Ilkg ana maximum value for TA ranging from −40 to 150 °C in
Table 37: I/O static characteristics.
Added tIFP(NRST) and renamed VF(NRST) tIFP in Table 38: NRST pin
characteristics. Added recommendations concerning NRST pin level
above Figure 36: Recommended reset pin protection, and updated
external capacitor value.
Added Raisonance compiler in Section 13.2: Software tools.
Moved know limitations to separate errata sheet.
18-Jul-2012
6
Updated wildcards of document part numbers.
Table 1: Device summary: updated footnote 1 and added footnote 2
to all STM8AF61xx part numbers.
Section 1: Introduction: small text change in first paragraph.
Table 2: STM8AF62xx product line-up: added “P” version for all order
codes; updated RAM.
Table 3: STM8AF/H61xx product line-up: added “P” version for all
order codes.
Figure 1: STM8A block diagram: updated POR, BOR and WDG;
updated LINUART input; added legend.
Section 5.4: Flash program and data EEPROM: removed
nonrelevant bullet points and added a sentence about the factory
programme.
Table 4: Peripheral clock gating bit assignments in CLK_PCKENR1/2
registers: updated
ADC features: updated ADC input range.
Table 11: Memory model for the devices covered in this datasheet:
updated 16 Kbyte and 8 Kbyte information.
Table 17: Option bytes: updated factory default setting for NOPT17;
added footnote 1.
Section 10.1.1: Minimum and maximum values: TA = -40 °C (not
40 °C).
Table 23: General operating conditions: updated VCAP.
Table 25: Total current consumption in Run, Wait and Slow mode.
General conditions for VDD apply, TA = -40 to 150 °C: updated
conditions for IDD(RUN).
Table 37: I/O static characteristics: added new condition and new
max values for rise and fall time; updated footnote 2.
Table 52.
Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com