Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AF6168 Datasheet(PDF) 20 Page - STMicroelectronics

Part # STM8AF6168
Description  Automotive 8-bit MCU, with up to 32 Kbytes Flash, data EEPROM, 10-bit ADC, timers, LIN, SPI, I2C, 3 to 5.5 V
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF6168 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STM8AF6168 Datasheet HTML 16Page - STMicroelectronics STM8AF6168 Datasheet HTML 17Page - STMicroelectronics STM8AF6168 Datasheet HTML 18Page - STMicroelectronics STM8AF6168 Datasheet HTML 19Page - STMicroelectronics STM8AF6168 Datasheet HTML 20Page - STMicroelectronics STM8AF6168 Datasheet HTML 21Page - STMicroelectronics STM8AF6168 Datasheet HTML 22Page - STMicroelectronics STM8AF6168 Datasheet HTML 23Page - STMicroelectronics STM8AF6168 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 89 page
background image
Product overview
STM8AF61xx, STM8AF62xx
20/89
Doc ID 14952 Rev 6
5.8
Analog-to-digital converter (ADC)
The STM8A products described in this datasheet contain a 10-bit successive approximation
ADC with up to 16 multiplexed input channels, depending on the package.
The ADC name differs between the datasheet and the STM8A/S reference manual (see
Table 7).
ADC features
●
10-bit resolution
●
Single and continuous conversion modes
●
Programmable prescaler: fMASTER divided by 2 to 18
●
Conversion trigger on timer events and external events
●
Interrupt generation at end of conversion
●
Selectable alignment of 10-bit data in 2 x 8 bit result register
●
Shadow registers for data consistency
●
ADC input range: VSSA ≤VIN ≤VDDA
●
Analog watchdog
●
Schmitt-trigger on analog inputs can be disabled to reduce power consumption
●
Scan mode (single and continuous)
●
Dedicated result register for each conversion channel
●
Buffer mode for continuous conversion
Note:
An additional AIN12 analog input is not selectable in ADC scan mode or with analog
watchdog. Values converted from AIN12 are stored only into the ADC_DRH/ADC_DRL
registers.
5.9
Communication interfaces
The following sections give a brief overview of the communication peripheral. Some
peripheral names differ between the datasheet and the STM8A/S reference manual (see
Table 8).
Table 7.
ADC naming
Peripheral name in datasheet
Peripheral name in reference manual
(RM0016)
ADC
ADC1
Table 8.
Communication peripheral naming correspondence
Peripheral name in datasheet
Peripheral name in reference manual
(RM0016)
LINUART
UART2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com