Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MC6 Datasheet(PDF) 20 Page - STMicroelectronics

Part # L99MC6
Description  Configurable 6-channel device
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MC6 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L99MC6 Datasheet HTML 16Page - STMicroelectronics L99MC6 Datasheet HTML 17Page - STMicroelectronics L99MC6 Datasheet HTML 18Page - STMicroelectronics L99MC6 Datasheet HTML 19Page - STMicroelectronics L99MC6 Datasheet HTML 20Page - STMicroelectronics L99MC6 Datasheet HTML 21Page - STMicroelectronics L99MC6 Datasheet HTML 22Page - STMicroelectronics L99MC6 Datasheet HTML 23Page - STMicroelectronics L99MC6 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 55 page
background image
Electrical characteristics
L99MC6
20/55
Doc ID 16523 Rev 1
6
Electrical characteristics
VS =6V to 16 V, VCC = 3.0 V to 5.3 V, Tj = -40 °C to 150 °C, unless otherwise specified.
The voltages are referred to GND and currents are assumed positive, when the current
flows into the pin.
6.1
Supply
6.2
Undervoltage detection
Table 6.
Supply
Item
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
6.1.1
VS
Operating supply voltage
range
628
V
6.1.2
IS
VS DC supply current
VS =13V, VCC =5.0 V
active mode
DRN1 = VS
Outputs floating
1.5
2.0
mA
6.1.3
IVS
VS quiescent supply current
VS =13V, VCC =5V
standby mode
DRN1 = VS
TTest = -40 °C, 25 °C
Outputs floating
310
μA
TTest =130 °C
6
20
μA
6.1.4
VCC
Operating supply voltage
range
3.0
5.3
V
6.1.5
ICC
VCC DC supply current
VS =13V, VCC =5.0 V
active mode
1.3
2
mA
6.1.6
VCC quiescent supply
current
VS =13V, VCC =5.0 V
CSN = VCC
standby mode
Outputs floating
520
µA
Table 7.
Undervoltage detection
Item
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
6.2.1
VPOR OFF Power-on reset threshold VCC increasing
3.0
V
6.2.2
VPOR ON
Power-on reset threshold
VCC decreasing
2.2
V
6.2.3
VPOR hyst Power-on reset hysteresis VPOR OFF - VPOR ON
0.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com