Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MC6 Datasheet(PDF) 48 Page - STMicroelectronics

Part # L99MC6
Description  Configurable 6-channel device
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MC6 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button L99MC6 Datasheet HTML 44Page - STMicroelectronics L99MC6 Datasheet HTML 45Page - STMicroelectronics L99MC6 Datasheet HTML 46Page - STMicroelectronics L99MC6 Datasheet HTML 47Page - STMicroelectronics L99MC6 Datasheet HTML 48Page - STMicroelectronics L99MC6 Datasheet HTML 49Page - STMicroelectronics L99MC6 Datasheet HTML 50Page - STMicroelectronics L99MC6 Datasheet HTML 51Page - STMicroelectronics L99MC6 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 55 page
background image
Package and PCB thermal data
L99MC6
48/55
Doc ID 16523 Rev 1
12
Package and PCB thermal data
12.1
PowerSSO-16 thermal data
Figure 22. PowerSSO-16 PC board(1)
1.
Layout condition of thermal resistance measurements (PCB: double layer, thermal vias,
FR4 area = 77 mm x 86 mm, PCB thickness =1.6 mm, Cu thickness = 70 µm (front and back side) thermal
vias separation 1.2 mm, thermal via diameter 0.3 mm +/- 0.08 mm, Cu thickness on vias 25 µm,
footprint dimension 2.5 mm x 4.2 mm ).
Table 46.
Auto and mutual thermal resistance - footprint
HSD 1
HSD 2
HSD 3
LSD 4
LSD 5
LSD 6
HSD 1
89.57
85.83
84.41
88.89
87.06
85.84
HSD 2
85.83
89.57
84.41
87.06
88.89
87.06
HSD 3
84.41
84.41
89.57
85.84
87.06
88.89
LSD 4
88.89
87.06
85.84
93.58
90.54
89.08
LSD 5
87.06
88.89
87.06
90.54
93.58
90.54
LSD 5
85.84
87.06
88.89
89.08
90.54
93.58
Table 47.
Auto and mutual thermal resistance - 2 cm2 of Cu heatsink
HSD 1
HSD 2
HSD 3
LSD 4
LSD 5
LSD 6
HSD 1
59.96
55.06
54.23
58.25
56.08
54.71
HSD 2
55.06
59.96
54.23
56.08
58.25
56.08
HSD 3
54.23
54.23
59.96
54.71
56.08
58.25
LSD 4
58.25
56.08
54.71
61.80
60.37
59.45
LSD 5
56.08
58.25
56.08
60.37
61.80
60.37
LSD 5
54.71
56.08
58.25
59.45
60.37
61.80
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com