Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4995J Datasheet(PDF) 7 Page - STMicroelectronics

Part # L4995J
Description  5V, 500mA low drop voltage regulator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4995J Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L4995J Datasheet HTML 3Page - STMicroelectronics L4995J Datasheet HTML 4Page - STMicroelectronics L4995J Datasheet HTML 5Page - STMicroelectronics L4995J Datasheet HTML 6Page - STMicroelectronics L4995J Datasheet HTML 7Page - STMicroelectronics L4995J Datasheet HTML 8Page - STMicroelectronics L4995J Datasheet HTML 9Page - STMicroelectronics L4995J Datasheet HTML 10Page - STMicroelectronics L4995J Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
L4995
Block diagrams and pins descriptions
Doc ID 13103 Rev 13
7/35
Figure 4.
Pins configurations (L4995)
Wi
94
Watchdog input (L4995 only, otherwise not connected).
If the frequency at this input pin is too low, the Reset
output is activated.
Vos
10
7
Regulator voltage output sensing.
Vo
11
8
5 voltage regulator output.
Block to ground with a capacitor >100nF (needed for
regulator stability).
VS
12
10
Supply voltage.
Block to ground directly at VS pin with a ceramic
capacitor (e.g. 200nF).
Table 2.
Pins descriptions (continued)
Pin
name
PowerSSO-12
pin #
PowerSSO-24
pin #
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com