Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4995J Datasheet(PDF) 32 Page - STMicroelectronics

Part # L4995J
Description  5V, 500mA low drop voltage regulator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4995J Datasheet(HTML) 32 Page - STMicroelectronics

Back Button L4995J Datasheet HTML 27Page - STMicroelectronics L4995J Datasheet HTML 28Page - STMicroelectronics L4995J Datasheet HTML 29Page - STMicroelectronics L4995J Datasheet HTML 30Page - STMicroelectronics L4995J Datasheet HTML 31Page - STMicroelectronics L4995J Datasheet HTML 32Page - STMicroelectronics L4995J Datasheet HTML 33Page - STMicroelectronics L4995J Datasheet HTML 34Page - STMicroelectronics L4995J Datasheet HTML 35Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 32 / 35 page
background image
Revision history
L4995
32/35
Doc ID 13103 Rev 13
6
Revision history
Table 13.
Document revision history
Date
Revision
Changes
26-May-2006
1
Initial release.
05-Jan-2007
2
L4995A and L4995R versions added:
Features
section updated and table added.
Table 1
updated.
Table 5: General
, Watchdog Iwi entry updated.
Figure 2: Block diagram of L4995A
and Figure 3: Block diagram of
L4995R
added.
Table 2: Pins descriptions
updated.
Table 4: Thermal data
updated.
List of tables
and List of figures added.
Packaging information provided in new format.
Table 11: PowerSSO-12 mechanical data
X and Y values updated.
Some sections reformatted for clarity.
New disclaimer added.
18-May-2007
3
Updated Table 2: Pins descriptions.
Updated Figure 4: Pins configurations (L4995).
Table 1: Device summary
changed title.
09-Jul-2007
4
Updated Table 2: Pins descriptions.
09-Aug-2007
5
Updated Table 2: Pins descriptions.
Updated Table 12: PowerSSO-24 mechanical data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com