Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS542MILF Datasheet(PDF) 4 Page - Integrated Device Technology

Part # ICS542MILF
Description  CLOCK DIVIDER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS542MILF Datasheet(HTML) 4 Page - Integrated Device Technology

  ICS542MILF Datasheet HTML 1Page - Integrated Device Technology ICS542MILF Datasheet HTML 2Page - Integrated Device Technology ICS542MILF Datasheet HTML 3Page - Integrated Device Technology ICS542MILF Datasheet HTML 4Page - Integrated Device Technology ICS542MILF Datasheet HTML 5Page - Integrated Device Technology ICS542MILF Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ICS542
CLOCK DIVIDER
CLOCK DIVIDER
IDT™ / ICS™ CLOCK DIVIDER
4
ICS542
REV J 051310
DC Electrical Characteristics
Unless stated otherwise, VDD = 3.3 V ±5%, Ambient Temp. 0 to +70
° C (commercial), -40 to +85° C (industrial)
AC Electrical Characteristics
Unless stated otherwise, VDD = 3.3 V ±5%, Ambient Temp. 0 to +70
° C (commercial), -40 to +85° C (industrial)
Thermal Characteristics
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDD
3.0
5.5
V
Input High Voltage,
VIH
ICLK (pin 1)
VDD/2+1
VDD/2
V
Input Low Voltage
VIL
ICLK (pin 1)
VDD/2
VDD/2-1
V
Input High Voltage
VIH
S0, S1, OE
2
V
Input Low Voltage
VIL
S0, S1, OE
0.8
V
Output High Voltage
VOH
IOH = -25 mA
2.4
V
Output Low Voltage
VOL
IOL = 25 mA
0.4
V
Operating Supply Current
IDD
No Load, 5.0 V,
11 sel
11
mA
Operating Supply Current
IDD
No Load, 3.3 V,
11 sel
7mA
Short Circuit Current
IOS
±40
mA
Input Capacitance
CIN
S0, S1, OE
4
pF
Nominal Output Impedance
ZO
at VDD/2
20
Ω
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input Frequency, clock input
VDD = 5 V
0
156
MHz
Input Frequency, clock input
VDD = 3.3 V
0
156
MHz
Output Rise Time
tOR
0.8 to 2.0 V
1
ns
Output Fall Time
tOF
2.0 to 0.8 V
1
ns
Duty Cycle
at VDD/2
45
49 to 51
55
%
Skew of Output Clocks
rising edges at VDD/2
500
ps
Propagation Delay
ICLK to CLK
15
ns
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Thermal Resistance Junction to
Ambient
θJA
Still air
150
° C/W
θJA
1 m/s air flow
140
° C/W
θJA
3 m/s air flow
120
° C/W
Thermal Resistance Junction to Case
θJC
40
° C/W



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com