Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS542MILF Datasheet (PDF) - Integrated Device Technology

ICS542MILF Datasheet PDF - Integrated Device Technology
Part # ICS542MILF
Download  ICS542MILF Download
File Size   171.43 Kbytes
Page   6 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description CLOCK DIVIDER

ICS542MILF Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS542MILF Datasheet PDF - Integrated Device Technology

Part # ICS542MILF
Download  ICS542MILF Click to download

File Size   171.43 Kbytes
Page   6 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description CLOCK DIVIDER

ICS542MILF Datasheet (HTML) - Integrated Device Technology


ICS542MILF Product details

Description
The ICS542 is cost effective way to produce a high-quality clock output divided from a clock input. The chip accepts a clock input up to 156 MHz at 3.3 V and produces a divide by 2, 4, 6, 8, 12, or 16 of the input clock. There are two outputs on the chip, one being a low-skew divide by two of the other.

Features
• 8-pin SOIC package
• Available in RoHS compliant package
• IDT’s lowest cost clock divider
• Low skew (500 ps) outputs. One is /2 of the other
• Easy to use with other generators and buffers
• Input clock frequency up to 156 MHz
• Output clock duty cycle of 45/55
• Power-down turns off chip
• Output Enable
• Advanced, low-power CMOS process
• Operating voltage of 3.3 V or 5 V
• Does not degrade phase noise - no PLL
• Available in industrial and commercial temperature
   ranges




Similar Part No. - ICS542MILF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS542M ICST-ICS542M Datasheet
57Kb / 4P
Clock Divider
Revision 050400
logo
Integrated Device Techn...
ICS542MLFT IDT-ICS542MLFT Datasheet
171Kb / 6P
CLOCK DIVIDER
logo
Integrated Circuit Syst...
ICS542MT ICST-ICS542MT Datasheet
57Kb / 4P
Clock Divider
Revision 050400
More results


Similar Description - ICS542MILF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS542 ICST-ICS542 Datasheet
57Kb / 4P
Clock Divider
Revision 050400
ICS544-01 ICST-ICS544-01 Datasheet
148Kb / 7P
Clock Divider
Revision 041505
logo
Texas Instruments
LMK01801 TI1-LMK01801 Datasheet
488Kb / 39P
Dual Clock Divider Buffer
logo
Integrated Device Techn...
ICS542MLFT IDT-ICS542MLFT Datasheet
171Kb / 6P
CLOCK DIVIDER
logo
Linear Technology
DC1075 LINER-DC1075_15 Datasheet
203Kb / 1P
CLOCK DIVIDER
logo
Texas Instruments
LMK01801 TI1-LMK01801_15 Datasheet
1Mb / 51P
Dual Clock Divider Buffer
logo
Integrated Device Techn...
8P73S674 IDT-8P73S674_16 Datasheet
281Kb / 15P
1.8V LVPECL Clock Divider
ICS542 IDT-ICS542 Datasheet
119Kb / 6P
CLOCK DIVIDER
logo
Renesas Technology Corp
8P73S674 RENESAS-8P73S674 Datasheet
479Kb / 16P
1.8V LVPECL Clock Divider
0 Mar 2020
ICS544-01 RENESAS-ICS544-01 Datasheet
248Kb / 8P
CLOCK DIVIDER
051810
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com