Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5957PD Datasheet(PDF) 9 Page - STMicroelectronics

Part # L5957PD
Description  Multifunction voltage regulator for car radio
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5957PD Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L5957PD Datasheet HTML 5Page - STMicroelectronics L5957PD Datasheet HTML 6Page - STMicroelectronics L5957PD Datasheet HTML 7Page - STMicroelectronics L5957PD Datasheet HTML 8Page - STMicroelectronics L5957PD Datasheet HTML 9Page - STMicroelectronics L5957PD Datasheet HTML 10Page - STMicroelectronics L5957PD Datasheet HTML 11Page - STMicroelectronics L5957PD Datasheet HTML 12Page - STMicroelectronics L5957PD Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
L5957
Electrical specifications
Doc ID 14442 Rev 2
9/16
Figure 3.
Typical application circuit
Ignition buffer (push-pull with schmitt trigger)
IGNIN
IGNout falling
-
1.031.171.28
V
IGNIN
IGNout rising
-
1.181.271.33
V
Vhys(IGNout)
Hysteresis of ignition buffer
-
30
50
100
mV
IHsource(IGNout) High level source current
IGNout = 0 V
1000
1500
2000
μA
ILsink(IGNout)
Low level sink current
IGNout = 5 V
10
15
20
mA
Vol
Low level
ILsink (IGNout) = 1 mA
-
0.3
0.5
V
Voh
High level
-
4.5
Vreg2
5.5
V
IGNRISE
Rising time
C = 15 pF
-
-
10
μs
IGNFALL
Fall time
C = 15 pF
-
-
10
μs
ICLAMP
Input clamp current
VCC < VIGN < 50 V
-
-
2
mA
IGNIN
Input voltage
Operative
0
-
50
V
Enable input (regulators 1,3,4 and power switch)
VTH
Voltage threshold
-
1.3
-
2.3
V
ENIN
Input voltage
Operative
0
-
5
V
1.
Drop condition means that the supply voltage drop down to 100 mV from the regulated output and the regulator is sourcing
its maximal load current.
Table 4.
Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
POWER
SWITCH
REG1
REG2
REG3
REG4
VIN1
EN SW
BU
VIN2
ENREG1-4
HOLD
REG 4
REG 3
REG 2
REG 1
SW
Vs
ENREG3
470 µF
100 nF
Cfilt (*)
Cfilt (*)
Cfilt (*)
22 µF
IGNOUT
IGNOUT
IGNITION
BUFFER
THERMAL
PROTECTION
RESET
BUFFER
DUMP LOAD
PROTECTION
IGNIN
CRES
10 K
1 nF
47 nF
RES
to µProcessor
to µProcessor
IGNITION
BUFFER
THERMAL
PROTECTION
RESET
BUFFER
DUMP LOAD
PROTECTION
IGNIN
IGNIN
AC00427
CRES
10 K
Ω
1 nF
47 nF
RES
to µProcessor
to µProcessor
470 µF
Cfilt (*)
10 K
Ω
(*) Recommended output filtering capacitors for all the regulators: C range = 5 µF to 100 µF, ESR range = 0.5
Ω to 10 Ω (T= -40 ˚C to +85 ˚C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com