Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5957PD Datasheet(PDF) 12 Page - STMicroelectronics

Part # L5957PD
Description  Multifunction voltage regulator for car radio
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5957PD Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L5957PD Datasheet HTML 8Page - STMicroelectronics L5957PD Datasheet HTML 9Page - STMicroelectronics L5957PD Datasheet HTML 10Page - STMicroelectronics L5957PD Datasheet HTML 11Page - STMicroelectronics L5957PD Datasheet HTML 12Page - STMicroelectronics L5957PD Datasheet HTML 13Page - STMicroelectronics L5957PD Datasheet HTML 14Page - STMicroelectronics L5957PD Datasheet HTML 15Page - STMicroelectronics L5957PD Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Electrical specifications
L5957
12/16
Doc ID 14442 Rev 2
Figure 8.
Ignition buffer diagram
Figure 9.
Protection of the power switch
Figure 10.
Short circuit diagram
1.17V
1.27V
50V
IGNITION
INPUT
14V
IGNITION
OUTPUT
VIN1
LOAD DUMP
D02AU1424
16V
ISW
VSW
1.5A
3A
NOT
DELAYED
DELAYED
IN CASE
VIN1 <16V
D02AU1425
REG1
REG2
REG3
REG4
SWITCH
SHORT TO GND
SHORT TO GND
SHORT TO GND
SHORT TO GND
SHORT TO GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com