Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6562N Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6562N
Description  TRANSITION-MODE PFC CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6562N Datasheet(HTML) 1 Page - STMicroelectronics

  L6562N Datasheet HTML 1Page - STMicroelectronics L6562N Datasheet HTML 2Page - STMicroelectronics L6562N Datasheet HTML 3Page - STMicroelectronics L6562N Datasheet HTML 4Page - STMicroelectronics L6562N Datasheet HTML 5Page - STMicroelectronics L6562N Datasheet HTML 6Page - STMicroelectronics L6562N Datasheet HTML 7Page - STMicroelectronics L6562N Datasheet HTML 8Page - STMicroelectronics L6562N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1/16
L6562
November 2005
1Features
■ REALISED IN BCD TECHNOLOGY
■ TRANSITION-MODE CONTROL OF PFC PRE-
REGULATORS
■ PROPRIETARY MULTIPLIER DESIGN FOR
MINIMUM THD OF AC INPUT CURRENT
■ VERY PRECISE ADJUSTABLE OUTPUT
OVERVOLTAGE PROTECTION
■ ULTRA-LOW (
≤70µA) START-UP CURRENT
■ LOW (
≤4 mA) QUIESCENT CURRENT
■ EXTENDED IC SUPPLY VOLTAGE RANGE
■ ON-CHIP FILTER ON CURRENT SENSE
■ DISABLE FUNCTION
■ 1% (@ Tj = 25 °C) INTERNAL REFERENCE
VOLTAGE
■ -600/+800mA TOTEM POLE GATE DRIVER WITH
UVLO PULL-DOWN AND VOLTAGE CLAMP
■ DIP-8/SO-8 PACKAGES ECOPACK
®
1.1 APPLICATIONS
■ PFC PRE-REGULATORS FOR:
– IEC61000-3-2
COMPLIANT
SMPS
(TV,
DESKTOP PC, MONITOR) UP TO 300W
– HI-END AC-DC ADAPTER/CHARGER
– ENTRY LEVEL SERVER & WEB SERVER
2
Description
The L6562 is a current-mode PFC controller oper-
ating in Transition Mode (TM). Pin-to-pin compati-
ble with the predecessor L6561, it offers improved
performance.
TRANSITION-MODE PFC CONTROLLER
Figure 2. Block Diagram
+
-
MULTIPLIER AND
THD OPTIMIZER
VREF2
OVERVOLTAGE
DETECTION
VOLTAGE
REGULATOR
UVLO
INTERNAL
SUPPLY 7V
+
-
2.5V
R1
R2
R
S
Q
+
-
DRIVER
STARTER
+
-
ZERO CURRENT
DETECTOR
DISABLE
2.1 V
1.6 V
VCC
8
1
23
4
ZCD
VCC
INV
COMP
MULT
CS
GD
7
5
GND
6
25 V
40K
5pF
15 V
Starter
stop
Rev. 8
Figure 1. Packages
Table 1. Order Codes
Part Number
Package
L6562N
DIP-8
L6562D
SO-8
L6562DTR
Tape & Reel
DIP-8
SO-8


Similar Part No. - L6562N

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
L6562 INTERSIL-L6562 Datasheet
45Kb / 5P
Microprocessor CORE Voltage Regulator Two-Phase Buck PWM Controller
March 2001
logo
STMicroelectronics
L6562A STMICROELECTRONICS-L6562A Datasheet
547Kb / 26P
Transition-mode PFC controller
07-Aug-2007
L6562AD STMICROELECTRONICS-L6562AD Datasheet
547Kb / 26P
Transition-mode PFC controller
07-Aug-2007
L6562ADTR STMICROELECTRONICS-L6562ADTR Datasheet
547Kb / 26P
Transition-mode PFC controller
07-Aug-2007
L6562AN STMICROELECTRONICS-L6562AN Datasheet
547Kb / 26P
Transition-mode PFC controller
07-Aug-2007
More results

Similar Description - L6562N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6563 STMICROELECTRONICS-L6563_07 Datasheet
720Kb / 39P
Advanced transition-mode PFC controller
12-Mar-2007
L6562A_0708 STMICROELECTRONICS-L6562A_0708 Datasheet
547Kb / 26P
Transition-mode PFC controller
07-Aug-2007
logo
Texas Instruments
UCC28050 TI-UCC28050 Datasheet
692Kb / 30P
TRANSITION MODE PFC CONTROLLER
UCC28050 TI1-UCC28050_13 Datasheet
1Mb / 32P
TRANSITION MODE PFC CONTROLLER
logo
STMicroelectronics
L6562AT STMICROELECTRONICS-L6562AT Datasheet
492Kb / 25P
Transition-mode PFC controller
04-Mar-2009
logo
ADTech
ADT6011 ADTECH-ADT6011 Datasheet
264Kb / 5P
Transition Mode PFC controller
logo
Texas Instruments
UCC28050 TI-UCC28050_15 Datasheet
1Mb / 31P
TRANSITION MODE PFC CONTROLLER
logo
Diodes Incorporated
AL6562 DIODES-AL6562 Datasheet
800Kb / 16P
Transition Mode PFC LED Controller
Rev 2
AL6562A DIODES-AL6562A Datasheet
693Kb / 16P
Transition Mode PFC LED Controller
Rev 1-2
logo
STMicroelectronics
DAP005 STMICROELECTRONICS-DAP005 Datasheet
530Kb / 39P
Advanced transition-mode PFC controller
19-Feb-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com