Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6562AT Datasheet(PDF) 13 Page - STMicroelectronics

Part # L6562AT
Description  Transition-mode PFC controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6562AT Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L6562AT Datasheet HTML 9Page - STMicroelectronics L6562AT Datasheet HTML 10Page - STMicroelectronics L6562AT Datasheet HTML 11Page - STMicroelectronics L6562AT Datasheet HTML 12Page - STMicroelectronics L6562AT Datasheet HTML 13Page - STMicroelectronics L6562AT Datasheet HTML 14Page - STMicroelectronics L6562AT Datasheet HTML 15Page - STMicroelectronics L6562AT Datasheet HTML 16Page - STMicroelectronics L6562AT Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
Application information
L6562AT
13/25
When the load of a PFC pre-regulator is very low, the output voltage tends to stay steadily
above the nominal value, which cannot be handled by the Dynamic OVP. If this occurs,
however, the error amplifier output will saturate low; hence, when this is detected the
external power transistor is switched off and the IC put in an idle state (static OVP). Normal
operation is resumed as the error amplifier goes back into its linear region. As a result, the
device will work in burst-mode, with a repetition rate that can be very low.
When either OVP is activated the quiescent consumption of the IC is reduced to minimize
the discharge of the Vcc capacitor and increase the hold-up capability of the IC supply
system.
7.2
Disable function
The INV pin doubles its function as a not-latched IC disable: a voltage below 0.2 V shuts
down the IC and reduces its consumption at a lower value. To restart the IC, the voltage on
the pin must exceed 0.45 V. The main usage of this function is a remote ON/OFF control
input that can be driven by a PWM controller for power management purposes. However it
also offers a certain degree of additional safety since it will cause the IC to shutdown in case
the lower resistor of the output divider is shorted to ground or if the upper resistor is missing
or fails open.
7.3
THD optimizer circuit
The device is equipped with a special circuit that reduces the conduction dead-angle
occurring to the AC input current near the zero-crossings of the line voltage (crossover
distortion). In this way the THD (total harmonic distortion) of the current is considerably
reduced.
A major cause of this distortion is the inability of the system to transfer energy effectively
when the instantaneous line voltage is very low. This effect is magnified by the high-
frequency filter capacitor placed after the bridge rectifier, which retains some residual
voltage that causes the diodes of the bridge rectifier to be reverse-biased and the input
current flow to temporarily stop.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com